Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 6Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 7Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 8Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 9Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 10Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 11Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 12Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 13Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
MAGNETIC BOOST DC/DC CONVERTER ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Typ
Max
Unit
ILOAD
Load Current
3.0V
≤ VIN
0
300
VOUT = 5V
mA
3.0V
≤ VIN
0
400
VOUT = 4V
VOUT
Output Voltage Accuracy
3.0V
≤ VIN ≤ VOUT - 0.5
−5
+5
%
(FB Pin)
VOUT = 5.0V
Output Voltage
1 mA
≤ ILOAD ≤ 300 mA
VIN–V(SCHOTT
V
(FB Pin)
VIN > 5V + V(SCHOTTKY)
KY)
RDSON
Switch ON Resistance
VDD1,2 = 2.8V, ISW = 0.5A
0.4
0.8
Ω
fPWF
PWM Mode Switching Frequency
RT = 82 k
Ω
2
MHz
freq_sel[2:0] = 1XX
Frequency Accuracy
2.7
≤ VDDA ≤ 2.9
−6
±3
+6
%
RT = 82 k
Ω
−9
+9
tPULSE
Switch Pulse Minimum Width
no load
25
ns
tSTARTUP
Startup Time
Boost startup from STANDBY
10
ms
ISW_MAX
SW Pin Current Limit
700
800
900
mA
550
950
BOOST STANDBY MODE
User can stop the Boost Converter operation by writing the Enables register bit EN_BOOST low. When
EN_BOOST is written high, the converter starts for 10ms in PFM mode and then goes to PWM mode.
BOOST OUTPUT VOLTAGE CONTROL
User can control the boost output voltage by boost output 8-bit register.
Boost Output [7:0]
Boost Output
Register 0DH
Voltage (typical)
Bin
Hex
0000 0000
00
4.00
0000 0001
01
4.25
0000 0011
03
4.40
0000 0111
07
4.55
0000 1111
0F
4.70
0001 1111
1F
4.85
0011 1111
3F
5.00 Default
0111 1111
7F
5.15
1111 1111
FF
5.30
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com