Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 97Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 98Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 99Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 100Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 101Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 102Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 103Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 104Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 227 page
background image
EMB_CS
EMB_CAS
EMB_RAS
EMB_WE
EMB_CLK
EMB_SDCKE
EMB_BA[1:0]
EMB_A[12:0]
EMB_WE_DQM[0]
EMB_D[15:0]
EMIFB
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[12:0]
LDQM
DQ[15:0]
SDRAM
4Mx16x4
Bank
EMB_WE_DQM[1]
UDQM
EMB_WE_DQM[2]
EMB_D[31:16]
EMB_WE_DQM[3]
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[12:0]
LDQM
DQ[15:0]
SDRAM
4Mx16x4
Bank
UDQM
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
Figure 6-23. EMIFB to Dual 4M × 16 × 4 bank SDRAM Interface
Table 6-24. Example of 16/32-bit EMIFB Address Pin Connections
SDRAM SIZE
WIDTH
BANKS
MEMORY
ADDRESS PINS
64M bits
×16
4
SDRAM
A[11:0]
EMIFB
EMB_A[11:0]
×32
4
SDRAM
A[10:0]
EMIFB
EMB_A[10:0]
128M bits
×16
4
SDRAM
A[11:0]
EMIFB
EMB_A[11:0]
×32
4
SDRAM
A[11:0]
EMIFB
EMB_A[11:0]
256M bits
×16
4
SDRAM
A[12:0]
EMIFB
EMB_A[12:0]
×32
4
SDRAM
A[11:0]
EMIFB
EMB_A[11:0]
512M bits
×16
4
SDRAM
A[12:0]
EMIFB
EMB_A[12:0]
×32
4
SDRAM
A[12:0]
EMIFB
EMB_A[12:0]
Table 6-25 is a list of the EMIFB registers.
Table 6-25. EMIFB Base Controller Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0xB000 0000
MIDR
Module ID Register
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
101
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com