Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 99Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 100Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 101Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 102Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 103Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 104Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 105Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 106Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
6.11.3 EMIFB Electrical Data/Timing
Table 6-26. EMIFB SDRAM Interface Timing Requirements
CVDD = 1.3 V(1)
CVDD = 1.2V(2)
UN
NO.
IT
MIN
MAX
MIN
MAX
Input setup time, read data valid on EMB_D[31:0] before
19
t(DV-CLKH)
0.59
0.8
ns
EMB_CLK rising
Input hold time, read data valid on EMB_D[31:0] after
20
th(CLKH-DIV)
1.25
1.5
ns
EMB_CLK rising
(1)
Commercial (default), Industrial and Extended temperature range rated devices for 456 MHz max CPU operating frequency as
applicable to the device
(2)
Commercial (default), Industrial, Extended and Automotive temperature range rated devices for 400/375/300/266/200 MHz max CPU
operating frequencies as applicable to the device
Table 6-27. EMIFB SDRAM Interface Switching Characteristics for Commercial (Default) Temperature
Range
CVDD = 1.3 V(1)
CVDD = 1.2V(2)
UN
NO.
PARAMETER
IT
MIN
MAX
MIN
MAX
1
tc(CLK)
Cycle time, EMIF clock EMB_CLK
6.579
7.5
ns
2
tw(CLK)
Pulse width, EMIF clock EMB_CLK high or low
2.63
3
ns
3
td(CLKH-CSV)
Delay time, EMB_CLK rising to EMB_CS[0] valid
4.25
5.1
ns
4
toh(CLKH-CSIV)
Output hold time, EMB_CLK rising to EMB_CS[0] invalid
1.1
1.1
ns
5
td(CLKH-DQMV)
Delay time, EMB_CLK rising to EMB_WE_DQM[3:0] valid
4.25
5.1
ns
Output hold time, EMB_CLK rising to
6
toh(CLKH-DQMIV)
1.1
1.1
ns
EMB_WE_DQM[3:0] invalid
Delay time, EMB_CLK rising to EMB_A[12:0] and
7
td(CLKH-AV)
4.25
5.1
ns
EMB_BA[1:0] valid
Output hold time, EMB_CLK rising to EMB_A[12:0] and
8
toh(CLKH-AIV)
1.1
1.1
ns
EMB_BA[1:0] invalid
9
td(CLKH-DV)
Delay time, EMB_CLK rising to EMB_D[31:0] valid
4.25
5.1
ns
Output hold time, EMB_CLK rising to EMB_D[31:0]
10
toh(CLKH-DIV)
1.1
1.1
ns
invalid
11
td(CLKH-RASV)
Delay time, EMB_CLK rising to EMB_RAS valid
4.25
5.1
ns
12
toh(CLKH-RASIV)
Output hold time, EMB_CLK rising to EMB_RAS invalid
1.1
1.1
ns
13
td(CLKH-CASV)
Delay time, EMB_CLK rising to EMB_CAS valid
4.25
5.1
ns
14
toh(CLKH-CASIV)
Output hold time, EMB_CLK rising to EMB_CAS invalid
1.1
1.1
ns
15
td(CLKH-WEV)
Delay time, EMB_CLK rising to EMB_WE valid
4.25
5.1
ns
16
toh(CLKH-WEIV)
Output hold time, EMB_CLK rising to EMB_WE invalid
1.1
1.1
ns
17
tdis(CLKH-DHZ)
Delay time, EMB_CLK rising to EMB_D[31:0] tri-stated
4.25
5.1
ns
Output hold time, EMB_CLK rising to EMB_D[31:0]
18
t(CLKH-DLZ)
1.1
1.1
ns
driving
(1)
Commercial (default) temperature range rated devices for 456 MHz max CPU operating frequency as applicable to the device
(2)
Commercial (default) temperature range rated devices for 400/375/300/266/200 MHz max CPU operating frequencies as applicable to
the device
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
103
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com