Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 100Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 101Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 102Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 103Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 104Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 105Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 106Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 107Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
Table 6-28. EMIFB SDRAM Interface Switching Characteristics for Industrial, Extended, and Automotive
Temperature Ranges
CVDD = 1.3 V(1)
CVDD = 1.2V(2)
UN
NO.
PARAMETER
IT
MIN
MAX
MIN
MAX
1
tc(CLK)
Cycle time, EMIF clock EMB_CLK
6.579
7.5
ns
2
tw(CLK)
Pulse width, EMIF clock EMB_CLK high or low
2.63
3
ns
3
td(CLKH-CSV)
Delay time, EMB_CLK rising to EMB_CS[0] valid
4.25
5.1
ns
4
toh(CLKH-CSIV)
Output hold time, EMB_CLK rising to EMB_CS[0] invalid
1.1
0.9
ns
5
td(CLKH-DQMV)
Delay time, EMB_CLK rising to EMB_WE_DQM[3:0] valid
4.25
5.1
ns
Output hold time, EMB_CLK rising to
6
toh(CLKH-DQMIV)
1.1
0.9
ns
EMB_WE_DQM[3:0] invalid
Delay time, EMB_CLK rising to EMB_A[12:0] and
7
td(CLKH-AV)
4.25
5.1
ns
EMB_BA[1:0] valid
Output hold time, EMB_CLK rising to EMB_A[12:0] and
8
toh(CLKH-AIV)
1.1
0.9
ns
EMB_BA[1:0] invalid
9
td(CLKH-DV)
Delay time, EMB_CLK rising to EMB_D[31:0] valid
4.25
5.1
ns
Output hold time, EMB_CLK rising to EMB_D[31:0]
10
toh(CLKH-DIV)
1.1
0.9
ns
invalid
11
td(CLKH-RASV)
Delay time, EMB_CLK rising to EMB_RAS valid
4.25
5.1
ns
12
toh(CLKH-RASIV)
Output hold time, EMB_CLK rising to EMB_RAS invalid
1.1
0.9
ns
13
td(CLKH-CASV)
Delay time, EMB_CLK rising to EMB_CAS valid
4.25
5.1
ns
14
toh(CLKH-CASIV)
Output hold time, EMB_CLK rising to EMB_CAS invalid
1.1
0.9
ns
15
td(CLKH-WEV)
Delay time, EMB_CLK rising to EMB_WE valid
4.25
5.1
ns
16
toh(CLKH-WEIV)
Output hold time, EMB_CLK rising to EMB_WE invalid
1.1
0.9
ns
17
tdis(CLKH-DHZ)
Delay time, EMB_CLK rising to EMB_D[31:0] tri-stated
4.25
5.1
ns
Output hold time, EMB_CLK rising to EMB_D[31:0]
18
t(CLKH-DLZ)
1.1
0.9
ns
driving
(1)
Industrial temperature range rated devices for 456 MHz max CPU operating frequency as applicable to the device
(2)
Industrial, Extended and Automotive temperature range rated devices for 400/375/300/266/200 MHz max CPU operating frequencies as
applicable to the device
104
Peripheral Information and Electrical Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com