Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 21Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 22Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 23Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 24Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 25Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 26Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 27Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 28Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
5.12 Output Timings
Table 5-6. Switching Characteristics for Output Timings versus Load Capacitance (CL)
PARAMETER
MIN
MAX
UNIT
CL = 15 pF
2.5
CL = 50 pF
4
Rise time, tr
CL = 100 pF
7.2
CL = 150 pF
12.5
8-mA pins
ns
CL = 15 pF
2.5
CL = 50 pF
4
Fall time, tf
CL = 100 pF
7.2
CL = 150 pF
12.5
CL = 15 pF
5.6
CL = 50 pF
10.4
Rise time, tr
CL = 100 pF
16.8
CL = 150 pF
23.2
4-mA pins
ns
CL = 15 pF
5.6
CL= 50 pF
10.4
Fall time, tf
CL = 100 pF
16.8
CL = 150 pF
23.2
CL = 15 pF
8
CL = 50 pF
15
Rise time, tr
CL = 100 pF
23
CL = 150 pF
33
2-mA-z pins
ns
CL = 15 pF
8
CL = 50 pF
15
Fall time, tf
CL = 100 pF
23
CL = 150 pF
33
CL = 15 pF
2.5
CL = 50 pF
4
Rise time, tr
CL = 100 pF
7.2
CL = 150 pF
12.5
8-mA mode
CL = 15 pF
2.5
CL = 50 pF
4
Fall time, tf
CL = 100 pF
7.2
CL = 150 pF
12.5
Selectable 8-mA/ 2-mA-z
ns
pins
CL = 15 pF
8
CL = 50 pF
15
Rise time, tr
CL = 100 pF
23
CL = 150 pF
33
2-mA-z mode
CL = 15 pF
8
CL = 50 pF
15
Fall time, tf
CL = 100 pF
23
CL = 150 pF
33
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
25
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com