Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 35Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 36Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 37Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 38Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 39Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 40Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 41Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 42Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
/1,2 ...1024
Phase_seg1
CAN Baud Rate
DCAN1, 2
AVCLK1
VCLK
Prop_seg
Phase_
seg2
/1,2 ...256
SPI
Baud Rate
SPIx,MibSPIx
/2,3 ...2
24
LIN
Baud Rate
LIN
ADCLK
MibADC
/1,2 ...32
ECLK
External Clock
/1,2
...65536
VCLK2
HET TU
HRP
/1 ...64
N2HET
High
Resolution
Loop
Clock
LRP
/2
0...27
VCLK2
Low Power
Oscillator
*The frequency at this node must not
exceed the maximum HCLK frequency
*
FMzPLL
80 kHz
10 MHz
OSCIN
GCM
0
1
4
5
/1 ...64
X1 ...256
/1 ...8
/1 ...32
GCLK,GCLK2 (to CPU)
HCLK (to SYSTEM)
VCLK (to System and
Peripheral Modules)
VCLK (to N2HET)
/1 ...16
/1 ...16
AVCLK1 (to DCAN1, 2)
0
1
4
5
VCLK
VCLK
0
1
4
5
/1,2,4, or 8
RTICLK (to RTI+DWWD)
EXTCLKIN
3
3
3
eQEP
CDDISx.9
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
6.5.2.2
Mapping of Clock Domains to Device Modules
Each clock domain has a dedicated functionality as shown in the figure below.
Figure 6-7. Device Clock Domains
Copyright © 2014–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
39
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com