Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 3 Page - Texas Instruments

  TMS570LS0232PZ Datasheet HTML 1Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 2Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 3Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 4Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 5Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 6Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 7Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
1.3
Description
The TMS570LS0232 device is a high-performance automotive-grade microcontroller for safety systems.
The safety architecture includes dual CPUs in lockstep, CPU and Memory BIST logic, ECC on both the
flash and the data SRAM, parity on peripheral memories, and loopback capability on peripheral I/Os.
The TMS570LS0232 device integrates the ARM Cortex-R4 CPU. The CPU offers an efficient
1.66 DMIPS/MHz, and has configurations that can run up to 80 MHz, providing up to 132 DMIPS. The
device supports the big-endian (BE32) format.
The TMS570LS0232 device has 128KB of integrated flash and 32KB of data RAM. Both the flash and
RAM have single-bit error correction and double-bit error detection. The flash memory on this device is a
nonvolatile, electrically erasable, and programmable memory implemented with a 64-bit-wide data bus
interface. The flash operates on a 3.3-V supply input (the same level as I/O supply) for all read, program,
and erase operations. When in pipeline mode, the flash operates with a system clock frequency of 80
MHz. The SRAM supports single-cycle read and write accesses in byte, halfword, word, and double-word
modes throughout the supported frequency range.
The TMS570LS0232 device features peripherals for real-time control-based applications, including a Next
Generation High-End Timer (N2HET) timing coprocessor with up to 19 I/O terminals and a 12-bit Analog-
to-Digital Converter (ADC) supporting 16 inputs in the 100-pin package.
The N2HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a small instruction set, with a specialized timer
micromachine and an attached I/O port. The N2HET can be used for pulse-width-modulated outputs,
capture or compare inputs, or GPIO. The N2HET is especially well suited for applications requiring
multiple sensor information and drive actuators with complex and accurate time pulses. A High-End Timer
Transfer Unit (HTU) can perform DMA-type transactions to transfer N2HET data to or from main memory.
A Memory Protection Unit (MPU) is built into the HTU.
The Enhanced Quadrature Encoder Pulse (eQEP) module is used for direct interface with a linear or
rotary incremental encoder to get position, direction, and speed information from a rotating machine as
used in high-performance motion and position-control systems.
The device has a 12-bit-resolution MibADC with 16 channels and 64 words of parity-protected buffer RAM.
The MibADC channels can be converted individually or can be grouped by software for sequential
conversion sequences. There are three separate groupings. Each sequence can be converted once when
triggered or configured for continuous conversion mode. The MibADC has a 10-bit mode for use when
compatibility with older devices or faster conversion time is desired.
The device has multiple communication interfaces: one MibSPI, two SPIs, one UART/LIN, and two
DCANs. The SPI provides a convenient method of serial high-speed communications between similar
shift-register type devices. The UART/LIN supports the Local Interconnect standard 2.1 and can be used
as a UART in full-duplex mode using the standard Non-Return-to-Zero (NRZ) format. The DCAN supports
the CAN 2.0 (A and B) protocol standard and uses a serial, multimaster communication protocol that
efficiently supports distributed real-time control with robust communication rates of up to 1 Mbps. The
DCAN is ideal for applications operating in noisy and harsh environments (for example, automotive and
industrial applications) that require reliable serial communication or multiplexed wiring.
The Frequency-Modulated Phase-Locked Loop (FMPLL) clock module is used to multiply the external
frequency reference to a higher frequency for internal use. The FMPLL provides one of the five possible
clock source inputs to the Global Clock Module (GCM). The GCM manages the mapping between the
available clock sources and the device clock domains.
The device also has an External Clock Prescaler (ECP) module that when enabled, outputs a continuous
external clock on the ECLK pin. The ECLK frequency is a user-programmable ratio of the peripheral
interface clock (VCLK) frequency. This low-frequency output can be monitored externally as an indicator of
the device operating frequency.
Copyright © 2014–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com