Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 58Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 59Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 60Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 61Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 62Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 63Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 64Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 65Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
TMS570LS0232
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
6.18 Reset / Abort / Error Sources
Table 6-27. Reset/Abort/Error Sources
ESM HOOKUP
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
GROUP.CHANNEL
CPU TRANSACTIONS
Precise write error (NCNB/Strongly Ordered)
User/Privilege
Precise Abort (CPU)
n/a
Precise read error (NCB/Device or Normal)
User/Privilege
Precise Abort (CPU)
n/a
Imprecise write error (NCB/Device or Normal)
User/Privilege
Imprecise Abort (CPU)
n/a
Undefined Instruction Trap
Illegal instruction
User/Privilege
n/a
(CPU)(1)
MPU access violation
User/Privilege
Abort (CPU)
n/a
SRAM
B0 TCM (even) ECC single error (correctable)
User/Privilege
ESM
1.26
Abort (CPU), ESM
→
B0 TCM (even) ECC double error (noncorrectable)
User/Privilege
3.3
nERROR
B0 TCM (even) uncorrectable error (that is, redundant
User/Privilege
ESM
→ NMI → nERROR
2.6
address decode)
B0 TCM (even) address bus parity error
User/Privilege
ESM
→ NMI → nERROR
2.10
B1 TCM (odd) ECC single error (correctable)
User/Privilege
ESM
1.28
Abort (CPU), ESM
→
B1 TCM (odd) ECC double error (noncorrectable)
User/Privilege
3.5
nERROR
B1 TCM (odd) uncorrectable error (that is, redundant
User/Privilege
ESM
→ NMI → nERROR
2.8
address decode)
B1 TCM (odd) address bus parity error
User/Privilege
ESM
→ NMI → nERROR
2.12
FLASH WITH CPU BASED ECC
FMC correctable error - Bus1 and Bus2 interfaces (does
User/Privilege
ESM
1.6
not include accesses to EEPROM bank)
FMC uncorrectable error - Bus1 accesses
Abort (CPU), ESM
→
User/Privilege
3.7
(does not include address parity error)
nERROR
FMC uncorrectable error - Bus2 accesses
(does not include address parity error and EEPROM bank
User/Privilege
ESM
→ nERROR
3.7
accesses)
FMC uncorrectable error - address parity error on Bus1
User/Privilege
ESM
→ NMI → nERROR
2.4
accesses
FMC correctable error - Accesses to EEPROM bank
User/Privilege
ESM
1.35
FMC uncorrectable error - Accesses to EEPROM bank
User/Privilege
ESM
1.36
HIGH-END TIMER TRANSFER UNIT (HTU)
NCNB (Strongly Ordered) transaction with slave error
User/Privilege
Interrupt
→ VIM
n/a
response
External imprecise error (Illegal transaction with ok
User/Privilege
Interrupt
→ VIM
n/a
response)
Memory access permission violation
User/Privilege
ESM
1.9
Memory parity error
User/Privilege
ESM
1.8
N2HET
Memory parity error
User/Privilege
ESM
1.7
MIBSPI
MibSPI1 memory parity error
User/Privilege
ESM
1.17
MIBADC
MibADC Memory parity error
User/Privilege
ESM
1.19
DCAN
DCAN1 memory parity error
User/Privilege
ESM
1.21
(1)
The Undefined Instruction TRAP is NOT detectable outside the CPU. The trap is taken only if the instruction reaches the execute stage
of the CPU.
62
System Information and Electrical Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com