Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 85Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 86Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 87Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 88Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 89Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 90Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 91Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 92Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
7.7.5
SPI Slave Mode I/O Timings
Table 7-15. SPI Slave Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = input, SPISIMO =
input, and SPISOMI = output)(1)(2)(3)(4)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(SPC)S
Cycle time, SPICLK(5)
40
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
14
2(6)
ns
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
14
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
14
3(6)
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
14
td(SPCH-SOMI)S
Delay time, SPISOMI valid after SPICLK high (clock polarity = 0)
trf(SOMI) + 20
4(6)
ns
td(SPCL-SOMI)S
Delay time, SPISOMI valid after SPICLK low (clock polarity = 1)
trf(SOMI) + 20
Hold time, SPISOMI data valid after SPICLK high (clock polarity
th(SPCH-SOMI)S
2
=0)
5(6)
ns
Hold time, SPISOMI data valid after SPICLK low (clock polarity
th(SPCL-SOMI)S
2
=1)
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock polarity = 0)
4
6(6)
ns
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high (clock polarity = 1)
4
Hold time, SPISIMO data valid after SPICLK low (clock polarity
th(SPCL-SIMO)S
2
= 0)
7(6)
ns
Hold time, SPISIMO data valid after S PICLK high (clock polarity
th(SPCH-SIMO)S
2
= 1)
Delay time, SPIENAn high after last SPICLK low (clock polarity
2.5tc(VCLK)+tr(ENA
td(SPCL-SENAH)S
1.5tc(VCLK)
= 0)
n)+ 22
8
ns
Delay time, SPIENAn high after last SPICLK high (clock polarity
2.5tc(VCLK)+
td(SPCH-SENAH)S
1.5tc(VCLK)
= 1)
tr(ENAn) + 22
Delay time, SPIENAn low after SPICSn low (if new data has
tc(VCLK)+tf(ENAn)+
9
td(SCSL-SENAL)S
tf(ENAn)
ns
been written to the SPI buffer)
27
(1)
The MASTER bit (SPIGCR1.0) is cleared and the CLOCK PHASE bit (SPIFMTx.16) is cleared.
(2)
If the SPI is in slave mode, the following must be true: tc(SPC)S ≥ (PS + 1) tc(VCLK), where PS = prescale value set in SPIFMTx.[15:8].
(3)
For rise and fall timings, see Table 5-6.
(4)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK)
(5)
When the SPI is in Slave mode, the following must be true:
For PS values from 1 to 255: tc(SPC)S ≥ (PS +1)tc(VCLK) ≥ 40 ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)S = 2tc(VCLK) ≥ 40 ns.
(6)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
Copyright © 2014–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
89
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com