Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 4 Page - Texas Instruments

  TMS570LS0232PZ Datasheet HTML 1Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 2Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 3Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 4Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 5Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 6Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 7Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
TMS570LS0232
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
The Error Signaling Module (ESM) monitors all device errors and determines whether an interrupt is
generated or the external nERROR pin is toggled when a fault is detected. The nERROR pin can be
monitored externally as an indicator of a fault condition in the microcontroller.
The I/O Multiplexing and Control Module (IOMM) allows the configuration of the input/output pins to
support alternate functions. See Table 4-17 for a list of the pins that support multiple functions on this
device.
With integrated safety features and a wide choice of communication and control peripherals, the
TMS570LS0232 device is an ideal solution for real-time control applications with safety-critical
requirements.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS570LS0232PZ
LQFP (100)
14.00 mm × 14.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
4
Device Overview
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com