Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 9Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 10Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 11Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 12Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 13Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 14Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 15Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
TMS570LS0232
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
4.2.5
Multibuffered Serial Peripheral Interface (MibSPI1)
Table 4-5. Multibuffered Serial Peripheral Interface (MibSPI1)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
MIBSPI1CLK
67
I/O
Pullup
Programmable,
MibSPI1 Serial Clock, or GPIO
20 µA
MIBSPI1nCS[0]
73
MibSPI1 Chip Select, or GPIO
MIBSPI1nCS[1]/EQEPS/N2HET
93
[17]
MIBSPI1nCS[2]/N2HET[20]/N2
27
HET[19]
MIBSPI1nCS[3]/N2HET[26]
39
MIBSPI1nENA/N2HET[23]/N2H
68
MibSPI1 Enable, or GPIO
ET[30]
MIBSPI1SIMO
65
MibSPI1 Slave-In-Master-Out, or GPIO
MIBSPI1SOMI
66
MibSPI1 Slave-Out-Master-In, or GPIO
4.2.6
Standard Serial Peripheral Interface (SPI2)
Table 4-6. Standard Serial Peripheral Interface (SPI2)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
SPI2CLK
71
I/O
Pullup
Programmable,
SPI2 Serial Clock, or GPIO
20 µA
SPI2nCS[0]
23
SPI2 Chip Select, or GPIO
GIOA[6]/SPI2nCS[1]/N2HET[31]
12
GIOA[4]/SPI2nCS[2]
9
GIOA[3]/SPI2nCS[3]
8
SPI2SIMO
70
SPI2 Slave-In-Master-Out, or GPIO
SPI2SOMI
69
SPI2 Slave-Out-Master-In, or GPIO
The drive strengths for the SPI2CLK, SPI2SIMO, and SPI2SOMI signals are selected individually by configuring the respective SRS bits of
the SPIPC9 register fo SPI2.
SRS = 0 for 8-mA drive (fast). This is the default mode as the SRS bits in the SPIPC9 register default to 0.
SRS = 1 for 2-mA drive (slow)
SPI3CLK/EQEPA
36
I/O
Pullup
Programmable,
SPI3 Serial Clock, or GPIO
20 µA
SPI3nCS[0]/EQEPI
38
SPI3 Chip Select, or GPIO
GIOA[2]/SPI3nCS[1]
5
GIOA[1]/SPI3nCS[2]
2
GIOA[0]/SPI3nCS[3]
1
SPI3nENA/EQEPB
37
SPI3 Enable, or GPIO
SPI3SIMO
35
SPI3 Slave-In-Master-Out, or GPIO
SPI3SOMI
34
SPI3 Slave-Out-Master-In, or GPIO
4.2.7
Local Interconnect Network Controller (LIN)
Table 4-7. Local Interconnect Network Controller (LIN)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
LINRX
94
I/O
Pullup
Programmable,
LIN Receive, or GPIO
20 µA
LINTX
95
LIN Transmit, or GPIO
12
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com