Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 77Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 78Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 79Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 80Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 81Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 82Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 83Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 84Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
7.5
Controller Area Network (DCAN)
The DCAN supports the CAN 2.0B protocol standard and uses a serial, multimaster communication
protocol that efficiently supports distributed real-time control with robust communication rates of up to
1 Mbps. The DCAN is ideal for applications operating in noisy and harsh environments (for example,
automotive and industrial fields) that require reliable serial communication or multiplexed wiring.
7.5.1
Features
Features of the DCAN module include:
•
Supports CAN protocol version 2.0 part A, B
•
Bit rates up to 1 Mbps
•
The CAN kernel can be clocked by the oscillator for baud-rate generation.
•
32 and 16 mailboxes on DCAN1 and DCAN2, respectively
•
Individual identifier mask for each message object
•
Programmable FIFO mode for message objects
•
Programmable loop-back modes for self-test operation
•
Automatic bus on after Bus-Off state by a programmable 32-bit timer
•
Message RAM protected by parity
•
Direct access to Message RAM during test mode
•
CAN RX / TX pins configurable as general-purpose I/O pins
•
Message RAM Auto Initialization
For more information on the DCAN, see the device-specific Technical Reference Manual listed in
Section 8.2.1.
7.5.2
Electrical and Timing Specifications
Table 7-10. Dynamic Characteristics for the DCANx TX and RX pins
PARAMETER
MIN
MAX
UNIT
td(CANnTX)
Delay time, transmit shift register to CANnTX pin(1)
15
ns
td(CANnRX)
Delay time, CANnRX pin to receive shift register
5
ns
(1)
These values do not include rise/fall times of the output buffer.
Copyright © 2014–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
81
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com