Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 3Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 4Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 5Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 6Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 7Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 9Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 10Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
2
Revision History
This data manual revision history highlights the technical changes made to the SPNS242 device-specific
data manual to make it an SPNS242A revision.
Scope: Applicable updates to the Hercules™ TMS570 MCU device family, specifically relating to the
TMS570LS0232 devices, which are now in the production data (PD) stage of development have been
incorporated.
Changes from April 30, 2014 to June 30, 2015
Page
•
Updated/Changed section title to "Device Overview"
........................................................................... 1
•
Added Section 1.3 (Description): Added paragraph describing IOMM
....................................................... 4
•
Section 1.3 (Description): Added the Device Information table
................................................................. 4
•
Added Section 3, Device Comparison
............................................................................................. 8
•
Section 5.1 Absolute Maximum Ratings): Moved Storage temperature range, Tstg from Section 5.2 ESD Ratings ... 18
•
Section 5.2 (ESD Ratings): Updated/Changed "Handling Ratings" title to "ESD Ratings"
................................ 18
•
Section 5.3 (Power-On Hours (POH)): Added table (new)
.................................................................... 18
•
Table 5-4 (Selectable 8mA/2mA Control): Clarified impact of SPI2PC9 register on drive strength of SPI2SOMI
pin in footnote
........................................................................................................................ 23
•
Section 6.4.1 (Summary of ARM Cortex-R4 CPU Features): Added Quantity of Breakpoints and Watchpoints
...... 31
•
Section 6.20.3 (JTAG Identification Code): Added a table showing JTAG ID code for each silicon revision.
.......... 64
•
Table 7-7 (MibADC Operating Characteristics ): Added missing footnote for ZSET 10-/12-bit modes. ................... 73
•
Section 7.7.1 (Features [MibSPI]): Updated/Changed size of SPI baud clock generator from "8-bit" to "11-bit"
....... 83
•
Section 8.2.1 (Related Documentation from Texas Instruments): Added reference documents
......................... 98
•
Section 8.7 (Device Identification Code Register): Added silicon revision B device identification code
................. 98
•
Section 8.8 (Die Identification Registers): Updated/Changed the DIEIDL and DIEIDH to point to the original
registers at location 0xFFFFFF7C and 0xFFFFFF80
.......................................................................... 99
Copyright © 2014–2015, Texas Instruments Incorporated
Revision History
7
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com