Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 27Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 28Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 29Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 30Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 31Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 32Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 33Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 34Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
North
Flip West
F
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
6.4
ARM Cortex-R4 CPU Information
6.4.1
Summary of ARM Cortex-R4 CPU Features
The features of the ARM Cortex-R4 CPU include:
•
An integer unit with integral Embedded ICE-RT logic.
•
High-speed Advanced Microprocessor Bus Architecture (AMBA) Advanced eXtensible Interfaces (AXI)
for Level two (L2) master and slave interfaces.
•
Dynamic branch prediction with a global history buffer, and a 4-entry return stack
•
Low interrupt latency.
•
Nonmaskable interrupt.
•
A Harvard Level one (L1) memory system with:
–
Tightly Coupled Memory (TCM) interfaces with support for error correction or parity checking
memories
–
ARMv7-R architecture Memory Protection Unit (MPU) with 8 regions
•
Dual core logic for fault detection in safety-critical applications.
•
An L2 memory interface:
–
Single 64-bit master AXI interface
–
64-bit slave AXI interface to TCM RAM blocks
•
A debug interface to a CoreSight Debug Access Port (DAP).
•
Six Hardware Breakpoints
•
Two Watchpoints
•
A Perfomance Monitoring Unit (PMU)
•
A Vectored Interrupt Controller (VIC) port.
For more information on the ARM Cortex-R4 CPU, see www.arm.com.
6.4.2
ARM Cortex-R4 CPU Features Enabled by Software
The following CPU features are disabled on reset and must be enabled by the application if required.
•
ECC On Tightly Coupled Memory (TCM) Accesses
•
Hardware Vectored Interrupt (VIC) Port
•
Memory Protection Unit (MPU)
6.4.3
Dual Core Implementation
The device has two Cortex-R4 cores, where the output signals of both CPUs are compared in the CCM-
R4 unit. To avoid common mode impacts the signals of the CPUs to be compared are delayed by 2 clock
cycles as shown in Figure 6-3.
The CPUs have a diverse CPU placement given by following requirements:
•
Different orientation; for example, CPU1 = "north" orientation, CPU2 = "flip west" orientation
•
Dedicated guard ring for each CPU
Figure 6-2. Dual - CPU Orientation
Copyright © 2014–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
31
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com