Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232PZ Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 2Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 3Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 4Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 5Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 6Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 7Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 9Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
TMS570LS0232
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.9
Flash Memory
....................................... 49
6.10
Flash Program and Erase Timings for Program
1.1
Features
.............................................. 1
Flash
................................................ 51
1.2
Applications
........................................... 2
6.11
Flash Program and Erase Timings for Data Flash
.. 51
1.3
Description
............................................ 3
6.12
Tightly Coupled RAM Interface Module
............. 52
1.4
Functional Block Diagram
............................ 5
6.13
Parity Protection for Accesses to peripheral RAMs
. 52
2
Revision History
......................................... 7
6.14
On-Chip SRAM Initialization and Testing
........... 53
3
Device Comparison
..................................... 8
6.15
Vectored Interrupt Manager
......................... 55
4
Terminal Configuration and Functions
............. 9
6.16
Real-Time Interrupt Module
......................... 57
4.1
PZ QFP Package Pinout (100-Pin)
................... 9
6.17
Error Signaling Module
.............................. 58
4.2
Terminal Functions
................................. 10
6.18
Reset / Abort / Error Sources
....................... 62
4.3
Output Multiplexing and Control
..................... 16
6.19
Digital Windowed Watchdog
........................ 63
4.4
Special Multiplexed Options
......................... 17
6.20
Debug Subsystem
................................... 64
5
Specifications
.......................................... 18
7
Peripheral Information and Electrical
5.1
Absolute Maximum Ratings
......................... 18
Specifications
........................................... 69
5.2
ESD Ratings
........................................ 18
7.1
Peripheral Legend
................................... 69
5.3
Power-On Hours (POH)
............................. 18
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.... 69
5.4
Recommended Operating Conditions
............... 19
7.3
General-Purpose Input/Output
...................... 77
5.5
Switching Characteristics Over Recommended
7.4
Enhanced High-End Timer (N2HET)
................ 78
Operating Conditions for Clock Domains
........... 19
7.5
Controller Area Network (DCAN)
.................... 81
5.6
Wait States Required
............................... 20
7.6
Local Interconnect Network Interface (LIN)
......... 82
5.7
Power Consumption
................................ 21
7.7
Multibuffered / Standard Serial Peripheral Interface
83
5.8
Thermal Resistance Characteristics for PZ
......... 22
7.8
Enhanced Quadrature Encoder (eQEP)
............ 93
5.9
Input/Output Electrical Characteristics
.............. 22
8
Device and Documentation Support
............... 95
5.10
Output Buffer Drive Strengths
...................... 23
8.1
Device Support
...................................... 95
5.11
Input Timings
........................................ 24
8.2
Documentation Support
............................. 98
5.12
Output Timings
...................................... 25
8.3
Community Resources
.............................. 98
6
System Information and Electrical
Specifications
........................................... 27
8.4
Trademarks
.......................................... 98
6.1
Voltage Monitor Characteristics
..................... 27
8.5
Electrostatic Discharge Caution
..................... 98
6.2
Power Sequencing and Power-On Reset
........... 28
8.6
Glossary
............................................. 98
6.3
Warm Reset (nRST)
................................. 30
8.7
Device Identification Code Register
................. 98
6.4
ARM Cortex-R4 CPU Information
................... 31
8.8
Die Identification Registers
......................... 99
6.5
Clocks
............................................... 35
8.9
Module Certifications
............................... 100
6.6
Clock Monitoring
.................................... 41
9
Mechanical Packaging and Orderable
Addendum
.............................................. 105
6.7
Glitch Filters
......................................... 43
9.1
Packaging Information
............................. 105
6.8
Device Memory Map
................................ 44
6
Table of Contents
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com