Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 4Page - STMicroelectronics STV6413 Datasheet HTML 5Page - STMicroelectronics STV6413 Datasheet HTML 6Page - STMicroelectronics STV6413 Datasheet HTML 7Page - STMicroelectronics STV6413 Datasheet HTML 8Page - STMicroelectronics STV6413 Datasheet HTML 9Page - STMicroelectronics STV6413 Datasheet HTML 10Page - STMicroelectronics STV6413 Datasheet HTML 11Page - STMicroelectronics STV6413 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical Characteristics
STV6413
8/28
2
Electrical Characteristics
2.1
Absolute Maximum Ratings
2.2
Thermal Data
2.3
Latch-up Data
At an ambient temperature of 25 °C, all pins meet the following specifications:
●
I trigger = 200 mA or I trigger = -200 mA.
●
Pin 58 (IT_OUT) does not meet this specification and the trigger current must be limited to
100 mA.
Symbol
Parameter
Value
Unit
VCC12
Supply voltage for Slow Blanking sections
13.2
V
VCCAO
Supply voltage for Audio Drivers
13.2
V
VCCA
Supply voltage for Digital Audio sections
10
V
VDD
Supply voltage for Digital sections
6
V
VCC,
VCCBI
Supply voltage for Video sections
6
V
VIN
Input Voltage at Pin
(in reference to GND)
Audio pins
Video pins
Bus pins
Slow Blanking pins
0, VCCA
0, VCC or VCCBI
0, 5.5
0, VCC12
V
VESD
Maximum ESD Voltage allowed. (Human Body Model:
100 pF capacitor discharged through 1.5 kOhm serial resistor)
±4
kV
TOPER
Ambient Operating Temperature
0 to +70
°C
TSTG
Storage Temperature
-20 to +150
°C
Symbol
Parameter
Value
Unit
RthJC
Junction-to-Case Thermal Resistance
°C/W
RthJA
Junction-to-Ambient Thermal Resistance1
1. Measured on 4-layer application board.
48
°C/W
TJ
Maximum Recommended Junction Temperature
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com