Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 20Page - STMicroelectronics STV6413 Datasheet HTML 21Page - STMicroelectronics STV6413 Datasheet HTML 22Page - STMicroelectronics STV6413 Datasheet HTML 23Page - STMicroelectronics STV6413 Datasheet HTML 24Page - STMicroelectronics STV6413 Datasheet HTML 25Page - STMicroelectronics STV6413 Datasheet HTML 26Page - STMicroelectronics STV6413 Datasheet HTML 27Page - STMicroelectronics STV6413 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Input/Output Groups
STV6413
24/28
Figure 18: I²C Bus (SCL) (Pin 55)
Figure 19: Power Supply Connection
10 k
W
Float
Protected Pad
VDD 5V
41
GNDP
47
VCCB1
VCCB2
VCCB3
VCCB4
VCCB5
VCCA0
VCCA
VCC
10 V
12 V
GNDA GNDref GNDV
VCC12
12 V
GDD
53
5V
VDD
45
43
37
31
63
1
24
25
17
5
57
39
These symbols represent some huge diode and Zener-like components used for ESD protection of
the device.
They are not supposed to be paths for any current in normal operation mode.
Float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com