Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 8Page - STMicroelectronics STV6413 Datasheet HTML 9Page - STMicroelectronics STV6413 Datasheet HTML 10Page - STMicroelectronics STV6413 Datasheet HTML 11Page - STMicroelectronics STV6413 Datasheet HTML 12Page - STMicroelectronics STV6413 Datasheet HTML 13Page - STMicroelectronics STV6413 Datasheet HTML 14Page - STMicroelectronics STV6413 Datasheet HTML 15Page - STMicroelectronics STV6413 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Electrical Characteristics
STV6413
12/28
Chroma Section
Slow Blanking Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
3V
RIN
Input Resistance
30
50
k
W
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1.5
VPP
DYN
Dynamic Output Signal
3
VPP
DCOUT
DC Output VCR Voltage
2.2
V
CBW
Chroma Bandwidth
CIN = 1 VPP at -3 db
10
MHz
CTi
Crosstalk Isolation between Input
Channel
VIN = 1 VPP at 4.43 MHz on one
input
55
dB
CTo
Crosstalk Isolation between Output
Channel
VIN = 1 VPP at 4.43 MHz on one
input, RLOAD = 150 W
50
dB
ROUT
Output Resistance
5
10
W
GOUTC
Gain at OUTC
VIN = 1 Vpp
5.5
6
6.5
dB
GCM
Gain Matching between C inputs
VIN = 1 VPP
-0.5
0
0.5
dB
Mute
Mute Suppression
VIN = 1 VPP at 4.43 MHz on one
input
55
dB
CToYdel
Chroma to Luma Delay, Source Y/C
VPP at 4.43 MHz,
20
ns
CToYdel
Chroma to Luma Delay, Source Y/C
20
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Mode
SLBlow
Input Low Level Threshold
2.5
3.25
4
V
SLBhigh
Input High Level Threshold
7.5
8.25
9
V
IIN
Input Current
50
100
µA
Output Mode
SLBlow
Output Low Level (Int. TV)
0
0.02
1.5
V
SLBmed
Output Medium Level (Ext. 16:9)
5
5.75
6.5
V
SLBhigh
Output High Level (Ext. 4:3)
10
11
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com