Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 16Page - STMicroelectronics STV6413 Datasheet HTML 17Page - STMicroelectronics STV6413 Datasheet HTML 18Page - STMicroelectronics STV6413 Datasheet HTML 19Page - STMicroelectronics STV6413 Datasheet HTML 20Page - STMicroelectronics STV6413 Datasheet HTML 21Page - STMicroelectronics STV6413 Datasheet HTML 22Page - STMicroelectronics STV6413 Datasheet HTML 23Page - STMicroelectronics STV6413 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
I²C Bus Selection
STV6413
20/28
Note: 1 The Interrupt Flag will be cleared when this register is read. To prepare for a new interrupt, a “1”
must be re-written in the IT Enable bit (Reg. 04, d7).
3.2
Power-on Reset — Bus Register Initial Conditions
Power-on Reset is active when the supply VDD is less than 3.5 volts.
Non-significant bits (X) are pre-set to “0”.
Table 10: Output Signals (Read Mode)
Reg.
Add.
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
Slow Blanking TV SCART
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
Input < 2 V
Input 16/9 format
Input 4/3 format
Slow Blanking VCR SCART
2
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
X
X
X
X
X
X
Input < 2 V
Input 16/9 format
Input 4/3 format
Interrupt Flag
1
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
No change since read
One change has been
detected (refer to Note 1)
Reg.
Add.
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00h
0
0
0000
00
Audio TV and Cinch outputs are in Stereo Mode, 0 dB Gain
Adjustment.
01h
0
0
0000
00
TV, Cinch and VCR audio outputs are muted. VCR output is in Stereo
Mode.
02h
0
0
0000
00
VCR, TV video outputs are muted.
03h
0
0
0000
00
Fast Blanking is forced to ‘0’. RGB outputs are muted and in high
impedance.
04h
0
0
0000
00
C_GATE is high. C_VCR is high impedance.
05h
0
0
0000
00
Encoder and VCR R/Csub Bottom Level Clamp, RGB outputs 6 dB
Gain, and Slow Blanking parts are in read mode.
06h
0
0
0000
00
All internal blocks are ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com