Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 9Page - STMicroelectronics STV6413 Datasheet HTML 10Page - STMicroelectronics STV6413 Datasheet HTML 11Page - STMicroelectronics STV6413 Datasheet HTML 12Page - STMicroelectronics STV6413 Datasheet HTML 13Page - STMicroelectronics STV6413 Datasheet HTML 14Page - STMicroelectronics STV6413 Datasheet HTML 15Page - STMicroelectronics STV6413 Datasheet HTML 16Page - STMicroelectronics STV6413 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13/28
STV6413
Electrical Characteristics
Fast Blanking Section
C_Gate Function Output Section
Interrupt Output Section1
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Mode
FBlow/high Input Low/High Level Threshold
0.4
0.7
0.9
V
IIN
Input Current
210
µA
Output Mode
FBLOW
Output Low Level
RLOAD = 150 W
0.5
V
FBHIGH
Output High Level
3.0
3.4
3.8
V
FBDEL
Fast Blanking RGB delay
At 50% on digital RGB transients,
at 2 V on FB rise transient, at 1 V
on FB fall, CLOAD = 10pF
maximum
15
ns
FBTRANS
FB Transitions at FB output
- Rise Time
- Fall Time
CLOAD = 10 pF maximum
between 10% and 90%
between 90% and 10%
10
10
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
C_GATE-H Pull-up Resistor Value to VCCB1
20
k
W
C_GATE-L Output Low Level
IIN = 0 mA
IIN = 1 mA
0.3
0.7
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IT-Leak
High Level Leakage
External pull-up to 5 V
10
µA
IT-Low
Output Low Level (Active)
IIN = 0 mA
IIN = 1 mA
0.3
0.7
V
1. When bit IT Enable is set, the interrupt is forced to a low level when a change is detected on slow blanking
inputs. It can be used in standby mode to wake up the microprocessor. It is released when the I²C bus register
is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com