Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 14Page - STMicroelectronics STV6413 Datasheet HTML 15Page - STMicroelectronics STV6413 Datasheet HTML 16Page - STMicroelectronics STV6413 Datasheet HTML 17Page - STMicroelectronics STV6413 Datasheet HTML 18Page - STMicroelectronics STV6413 Datasheet HTML 19Page - STMicroelectronics STV6413 Datasheet HTML 20Page - STMicroelectronics STV6413 Datasheet HTML 21Page - STMicroelectronics STV6413 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
I²C Bus Selection
STV6413
18/28
Table 6: RGB & Fast Blanking Outputs
Reg.
Add.
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
03h
Fast Blanking Control
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
FB forced to low level
FB forced to high level
FB from Encoder
FB from VCR
RGB Selection
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
Muted
RGB_ENC selected
RGB_VCR selected
Not allowed
RGB Gain
2
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
+6 dB gain
+5 dB gain
+4 dB gain
+3 dB gain
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
+0 dB extra gain
+3 dB for weak input signals
RGB and FB Control
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RGB and FB outputs high
impedance state
RGB and FB outputs active
Table 7: Miscellaneous Control
Reg.
Add.
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
04h
R/C TV Output Selection
1
X
X
X
X
X
X
X
X
X
X
0
0
0
0
0
1
Red signal selected
Chroma signal selected
C_Gate Output Control
1
X
X
X
X
X
X
X
X
0
1
0
0
0
0
X
X
High level
Low level
C_VCR Output Control
1
X
X
X
X
X
X
0
1
X
X
0
0
0
0
X
X
Tri-state mode (high
impedance)
Active
Slow Blanking Mode
1
X
X
0
1
X
X
X
X
X
X
0
0
0
0
X
X
Normal Mode
SLB TV is driven by SLB
VCR
IT Enable
1
0
1
X
X
X
X
X
X
X
X
0
0
0
0
X
X
No interrupt flag
IT enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com