Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 5Page - STMicroelectronics STV6413 Datasheet HTML 6Page - STMicroelectronics STV6413 Datasheet HTML 7Page - STMicroelectronics STV6413 Datasheet HTML 8Page - STMicroelectronics STV6413 Datasheet HTML 9Page - STMicroelectronics STV6413 Datasheet HTML 10Page - STMicroelectronics STV6413 Datasheet HTML 11Page - STMicroelectronics STV6413 Datasheet HTML 12Page - STMicroelectronics STV6413 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9/28
STV6413
Electrical Characteristics
2.4
Electrical Characteristics
TAMB = 25° C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V
RGA = 600 W, RGV = 50 W, RLOUTA = 10 kW, RLOUTV = 150 W (unless otherwise specified).
Supply Section
Active Mode (All channels ON)
Standby Mode (All channels OFF)
Audio Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Digital Supply Voltage
4.75
5
5.25
V
VCCAO
Audio Operating Supply Voltage
- Decoupling capacitor on VCCA
- Connected to VCCA
11.2
8.5
12
9
12.8
9.5
V
VCC
Video Operating Supply Voltage
4.75
5
5.25
V
VCC12
Slow Blanking Control Supply Voltage
11.2
12
12.8
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
Digital Supply Current
VDD = 5 V
4.5
10
mA
ICCA
Audio Supply Current
VCCAO = 12 V, No Load
915
mA
ICCV
Total Video Supply Current
(VCC+VCCB1+VCCB2+VCCB3+VCCB4+V
CCB5)
VCC = 5 V, No Load
43
60
mA
ICC12
12 V Supply Current
VCC12 = 12 V
SLB input mode
SLB output mode, No Load
0
2.5
1
4
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
Digital Supply Current
VDD = 5 V
4.5
10
mA
ICCASTD
Audio Supply Current
VCCAO = 12 V, No Load
3mA
ICCVSTD
Total Video Supply Current
VCC = 5 V, No Load
1mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SVR100
Supply Voltage Rejection
VRIPPLE = 500 mVRMS at 100 Hz,
Gain= 0 dB
DECA filter cap = 47 µF
DECA filter cap = 220 µF
60
70
80
dB
SVR1K
Supply Voltage Rejection
VRIPPLE = 500 mVRMS at 1 kHz,
Gain = 0 dB
70
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com