Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 12Page - STMicroelectronics STV6413 Datasheet HTML 13Page - STMicroelectronics STV6413 Datasheet HTML 14Page - STMicroelectronics STV6413 Datasheet HTML 15Page - STMicroelectronics STV6413 Datasheet HTML 16Page - STMicroelectronics STV6413 Datasheet HTML 17Page - STMicroelectronics STV6413 Datasheet HTML 18Page - STMicroelectronics STV6413 Datasheet HTML 19Page - STMicroelectronics STV6413 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
I²C Bus Selection
STV6413
16/28
Note: 1 At register address 06h, bits marked “Not Used” must be set to “1”. All other bits marked “Not Used”
must be set “0”.
Miscellaneous
04h
IT Enable
SLB Mode
Not Used
(See Note 1)
VCR-C
Output
Control
VCR-C Gate
Control
Not Used
(See Note 1)
Not Used
(See Note 1)
TV R or C
Output
Selection
05h
VCR Slow Blanking
TV Slow Blanking
ENC Audio Input Gain
0/6/9 dB
VCR R/C sub
Clamp
ENC R/C sub
Clamp
Standby
06h
Not Used
(See Note 1)
TV Outputs
CINCH
Outputs
VCR Outputs
Not Used
(See Note 1)
TV Inputs
VCR Inputs
ENC Inputs
Table 3: TV Audio Output
Reg.
Add.
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00h
Soft Volume Change
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Active
Disabled
Level Adjustment
5
X
X
X
X
0
1
0
1
0
1
0
1
0
1
X
X
0dB
-62 dB (-2 dB/step)
6 dB Extra Gain
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0dB
+6 dB
TV Stereo or Mono Mode
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Stereo
1 = Mono
Table 2: Input Signal Summary (Write Mode)
Reg.
Add.
Data
d7
d6
d5
d4
d3
d2
d1
d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com