Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 18Page - STMicroelectronics STV6413 Datasheet HTML 19Page - STMicroelectronics STV6413 Datasheet HTML 20Page - STMicroelectronics STV6413 Datasheet HTML 21Page - STMicroelectronics STV6413 Datasheet HTML 22Page - STMicroelectronics STV6413 Datasheet HTML 23Page - STMicroelectronics STV6413 Datasheet HTML 24Page - STMicroelectronics STV6413 Datasheet HTML 25Page - STMicroelectronics STV6413 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Input/Output Groups
STV6413
22/28
4
Input/Output Groups
Figure 6: Bottom Clamped Video Inputs
(Pins 4, 6, 12, 14, 18, 21, 62 and 64)
Figure 7: R/C Clamped Video Inputs (Pins 10 and 60)
Figure 8: Fast Blanking Output (Pin 49)
VCC 5V
VCC 5V
2V + VD
15 k
W
tri
Protected Pad
R/C inputs may be configured either as a bottom
clamped input or as an average clamped input. In
either case, the simplified input schematic is very
close to one of the graphics shown above.
Protected Pad
VCCB1 5V
VCC 5V
Figure 9: Fast Blanking Inputs
(Pins 50 and 51)
Figure 10: Average Clamped Video Inputs (Pin 8)
Figure 11: Cgate Logical Output (Pin 52)
Protected Pad
VCCB1 5V
tri
Protected Pad
tri
VCC 5V
VCC 5V
IB
3V
25 k
W 25 kW
Protected Pad
50
W
18 k
W
VCC 5V
VCC 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com