Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV6413 Datasheet HTML 11Page - STMicroelectronics STV6413 Datasheet HTML 12Page - STMicroelectronics STV6413 Datasheet HTML 13Page - STMicroelectronics STV6413 Datasheet HTML 14Page - STMicroelectronics STV6413 Datasheet HTML 15Page - STMicroelectronics STV6413 Datasheet HTML 16Page - STMicroelectronics STV6413 Datasheet HTML 17Page - STMicroelectronics STV6413 Datasheet HTML 18Page - STMicroelectronics STV6413 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15/28
STV6413
I²C Bus Selection
3
I²C Bus Selection
Data transfers follow the usual I²C format; i.e. after the start condition (S), a 7-bit slave address is
sent, followed by an eight-bit data direction bit (W). An 8-bit sub-address is sent to select a register,
followed by an 8-bit data word to be included in the register. The IC’s I²C bus decoder enables the
automatic incrementation mode in write mode.
String Format
Write only mode (S = Start condition, P = Stop condition, A = Acknowledge)
Read only mode
Slave Address
Auto Increment Mode
3.1
I²C Bus Addresses
Write Address: 1001 0110 = 96(hex), Read Address: 1001 0111 = 97(hex)
S
Slave Address
0
A
Sub-address
A
Data
A
P
S
Slave Address
1
A
Data
A
P
Address
A7A6A5A4A3A2
A1
Value
1001011
S
Slave Address
0
A
Sub-address
A
Data0
A
Data1
A
...
Data n
A
P
Sub-address
Sub-address +1
Sub-address + N
Table 2: Input Signal Summary (Write Mode)
Reg.
Add.
Data
d7
d6
d5
d4
d3
d2
d1
d0
Audio
00h
TV Stereo
Mono
TV 0/6dB
TV Volume-62dB to 0 dB - 2dB steps
Soft Volume
Mode
01h
VCR Stereo
Mono
Not Used
(See Note 1)
VCR Audio
Switch Control
CINCH
Audio Gain
TV/CINCH Audio Switch Control
Video
02h
VCR Chroma
muted
VCR Video and Chroma Switch Control
TV Chroma
muted
TV Video and Chroma Switch Control
03h
RGB and FB
Tri-state
RGB Gain
RGB Switch Control
Fast Blanking
Mode/Input Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com