Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6413
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413 Datasheet(HTML) 5 Page - STMicroelectronics

  STV6413 Datasheet HTML 1Page - STMicroelectronics STV6413 Datasheet HTML 2Page - STMicroelectronics STV6413 Datasheet HTML 3Page - STMicroelectronics STV6413 Datasheet HTML 4Page - STMicroelectronics STV6413 Datasheet HTML 5Page - STMicroelectronics STV6413 Datasheet HTML 6Page - STMicroelectronics STV6413 Datasheet HTML 7Page - STMicroelectronics STV6413 Datasheet HTML 8Page - STMicroelectronics STV6413 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
STV6413
General Information
43
VCCB3
Video Output Buffer Supply Pin
44
Y/CVBSOUT_TV
Y/CVBS Output to TV SCART
45
VCCB2
Video Output Buffer Supply Pin
46
COUT_VCR
Chroma Output to VCR SCART
47
VCCB1
Video Output Buffer Supply Pin
48
Y/CVBSOUT_VCR
Y/CVBS Output to VCR SCART
49
FBOUT_TV
Fast Blanking Output to TV SCART
50
FBIN_VCR
Fast Blanking Input from VCR SCART
51
FBIN_ENC
Fast Blanking Input from Encoder
52
C_GATE
External MOS Command for C_VCR bidirectional mode
53
VDD
+5 V I²C Supply
54
NC
Not connected
55
SCL
I²C Bus Clock
56
SDA
I²C Bus Data
57
GND
Ground Digital
58
IT_OUT
Interrupt Output
59
SLB_TV
Slow Blanking Input/Output from TV SCART
60
R/CIN_VCR
Red Input (or C Input) from VCR SCART
61
SLB_VCR
Slow Blanking Input/Output from VCR SCART
62
GIN_VCR
Green Input from VCR SCART
63
VCC12
+12 V Supply
64
BIN_VCR
Blue Input from VCR SCART
Table 1: Pin Description (Sheet 3 of 3)
Pin No.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com