Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 7Page - SMSC Corporation EMC1053_08 Datasheet HTML 8Page - SMSC Corporation EMC1053_08 Datasheet HTML 9Page - SMSC Corporation EMC1053_08 Datasheet HTML 10Page - SMSC Corporation EMC1053_08 Datasheet HTML 11Page - SMSC Corporation EMC1053_08 Datasheet HTML 12Page - SMSC Corporation EMC1053_08 Datasheet HTML 13Page - SMSC Corporation EMC1053_08 Datasheet HTML 14Page - SMSC Corporation EMC1053_08 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
SMSC EMC1053
11
Revision 1.44 (04-14-08)
DATASHEET
Chapter 3 Product Description
The EMC1053 is an SMBus sensor that monitors three temperature zones for use in a personal
computer or embedded environment. The part may be used as a companion to one of SMSC’s broad
line of SIO host devices to perform fan control and thermal management.
A typical system drawing of the EMC1053 is shown in Figure 3.1.
3.1
Power Modes
The EMC1053 has two power modes.
Run Mode - In this mode, the temperature monitors are active and converting at the programmed
conversion rate. The average power dissipation will depend on the conversion rate. When the
EMC1053 is not actively converting a channel, it goes into a lower power wait state.
Standby Mode (power-up default) - in this mode, the EMC1053 is put into a low power state. In the
standby mode, temperature monitoring is disabled. The device will still respond to SMBus
commands.
3.2
One Shot During Standby Mode
The EMC1053 supports a One-Shot command when it is in Standby Mode. Writing to the One-Shot
register will cause the device to power up, perform 1 full set of temperature conversions, then return
to Standby Mode.
3.3
Operation During Run Mode
When the device is active, there are two modes of operation available.
Normal Mode (power-up default) - In this mode of operation, the EMC1053 continuously samples
and updates all of its temperature channels.
Hotter of Two Mode - In this mode, the EMC1053 continuously samples and then compares the
two remote zones. The hotter of the two remote zones is loaded into the External Diode 2 Data
Registers. In addition, the HOTTER bit in the Status register is set or cleared to indicate which
external diode zone is hotter. If the two remote zones are exactly equal to each other, then the
HOTTER bit is cleared (set to ‘0’), and the results of the two remote zones are stored in their
respective registers.
Figure 3.1 EMC1053 Diode System
EMC105
3
Hos
t
SMBu
s
Interface
SMBu
s
Interna
l
Diod
e
DP1
DN1
DP2
DN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com