Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 18 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 14Page - SMSC Corporation EMC1053_08 Datasheet HTML 15Page - SMSC Corporation EMC1053_08 Datasheet HTML 16Page - SMSC Corporation EMC1053_08 Datasheet HTML 17Page - SMSC Corporation EMC1053_08 Datasheet HTML 18Page - SMSC Corporation EMC1053_08 Datasheet HTML 19Page - SMSC Corporation EMC1053_08 Datasheet HTML 20Page - SMSC Corporation EMC1053_08 Datasheet HTML 21Page - SMSC Corporation EMC1053_08 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
During Power on Reset (POR), the default values are stored in the registers. A POR is initiated when power is first applied to the part and the voltage
on the VDD supply surpasses the POR level as specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to
undefined registers will not have an effect.
The EMC1053 uses an interlock mechanism that will update the Low byte of a particular monitor when the High Byte is read. This prevents changes
in register content when the ADC updates between successive reads.
4.1
Legacy Temperature Data Registers (00h, 23h, 01h, 10h, F8h, F9h)
As shown in Table 4.1, each temperature monitor has two data registers. The 11 bit temperature data is stored aligned to the left resulting in the High
Byte containing temperature in 1°C steps and the Low Byte containing fractions of a degree.
4.2
Extended Format Temperature Registers (FAh-FDh)
The Extended Format Temperature Registers store only the external diode temperatures in the extended data format. This is because, due to the
operating range limitations of the EMC1053, the internal temperature could not benefit from the extended temperature range. Like the Legacy data
formatting, the data is stored in two registers per temperature channel.
2Ah
2Ah
R/W
External Diode 2 Beta
Configuration
BCF2
-
-
-
-
-
BETA<2:0>
07h
EDh
EDh
R
Product ID
PID
0
0
1
1
1
1
0
0
3Ch (-1)
0
0
1
1
1
1
0
1
3Dh (-2)
0
0
1
1
1
1
1
0
3Eh (-3)
0
0
1
1
1
1
1
1
3Fh (-4)
FEh
FEh
R
Manufacturer ID
SMSC
0
1
0
1
1
1
0
1
5Dh
FFh
FFh
R
Revision Register
REV
-
-
-
-
0
0
0
1
01h
Table 4.1 EMC1053 Register Set (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
SYMBOL
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
VALUE
READ
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com