Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 5Page - SMSC Corporation EMC1053_08 Datasheet HTML 6Page - SMSC Corporation EMC1053_08 Datasheet HTML 7Page - SMSC Corporation EMC1053_08 Datasheet HTML 8Page - SMSC Corporation EMC1053_08 Datasheet HTML 9Page - SMSC Corporation EMC1053_08 Datasheet HTML 10Page - SMSC Corporation EMC1053_08 Datasheet HTML 11Page - SMSC Corporation EMC1053_08 Datasheet HTML 12Page - SMSC Corporation EMC1053_08 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
SMSC EMC1053
9
Revision 1.44 (04-14-08)
DATASHEET
Note 2.1
300nS rise time max is required for 400kHz bus operation. For lower clock frequencies,
the maximum rise time is (0.1/FSMB)+50nS
Note 2.2
See SMSC Applications for Application Notes and Guidelines when measuring GPU
processor diodes and CPU processor diodes.
2.3
System Management Bus Interface Protocol
A host controller, such as an SMSC I/O controller, communicates with the EMC1053 via the two wire
serial interface named SMBus. The SMBus interface is used to read and write registers in the
EMC1053, which is a slave-only device. A detailed timing diagram is shown in Figure 2.1.
Figure 2.1 System Management Bus Timing Diagram
The EMC1053 implements a subset of the SMBus specification and supports Write Byte, Read Byte,
Send Byte, and Receive Byte protocols as shown. In the tables that describe the protocol, the “gray”
columns indicate that the slave is driving the bus.
All of the below protocols use the following convention:
2.3.1
Write Byte
The Write Byte is used to write one byte of data to the registers as shown in Table 2.3.
2.3.2
Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 2.4.
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
# of bits sent
# of bits sent
Table 2.3 Write Byte Protocol
START
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
STOP
17
1
18
18
11
Table 2.4 Read Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
COMMAND
ACK
START
SLAVE
ADDRESS
RD
ACK
DATA
NACK
STOP
SMDATA
SMCLK
T
LOW
T
R
T
HIGH
T
F
T
BUF
T
HD:STA
P
S
S - Start Condition
P - Stop Condition
T
HD:DAT TSU:DAT
T
SU:STA
T
HD:STA
P
T
SU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com