Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 20 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 16Page - SMSC Corporation EMC1053_08 Datasheet HTML 17Page - SMSC Corporation EMC1053_08 Datasheet HTML 18Page - SMSC Corporation EMC1053_08 Datasheet HTML 19Page - SMSC Corporation EMC1053_08 Datasheet HTML 20Page - SMSC Corporation EMC1053_08 Datasheet HTML 21Page - SMSC Corporation EMC1053_08 Datasheet HTML 22Page - SMSC Corporation EMC1053_08 Datasheet HTML 23Page - SMSC Corporation EMC1053_08 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.44 (04-14-08)
20
SMSC EMC1053
DATASHEET
4.5
Configuration 2 Register - (04h)
The Configuration 2 Register controls the basic functionality of the EMC1053 that is NOT compatible
with the EMC1023.
Bit 3 - MAX_RES - controls the external diode conversion time during dynamic averaging. Although
the dynamic averaging may be used to increase the ADC resolution, only 11 bits of data are available
in the temperature registers.
‘0’ - the dynamic averaging will set the ADC averaging factor at 1x when the conversion rate is set
at 16 conversions per second and 2x at conversion rates lower than 16 per second.
‘1’ (default) - the dynamic averaging will set the ADC averaging factor at 1x when the conversion
rate is set at 16 conversions per second, 2x at 8 conversions / second and 4x at conversion rates
lower than 8 per second.
Bit 2 - DA_n - controls the dynamic digital averaging circuitry. See Section 3.3.2.
‘0’ (default) - dynamic averaging is enabled. Depending on the selected conversion rate, the ADC
averaging factor is increased for the external diodes.
‘1’ - dynamic averaging is disabled. The ADC averaging factor will remain fixed at 1x for all
conversion rates and will allow increased power savings at the slower conversion rates.
Bit 1 - COMP - configures the device to perform a comparison for the Hotter of Two mode (see Section
3.3, "Operation During Run Mode," on page 11.)
‘0’ (default) - the device is in normal mode
‘1’ - the device is in Hotter of Two mode. In this mode, the two external diode channels are
measured and compared against each other. The hotter of the two channels has its data loaded
Table 4.4 Conversion Rate
CR<2:0>
CONVERSIONS / SECOND
(CONVERSION TIME)
21
0
0
0
0
Reserved
0
0
1
Reserved
0
1
0
Reserved
0
1
1
1 Conversion / sec
1
0
0
2 Conversions / sec
1
0
1
4 Conversions / sec (default)
1
1
0
8 Conversions / sec
1
1
1
16 Conversions / sec
Table 4.5 Configuration 2 Register
ADDR
REGISTER
B7B6B5B4
B3
B2
B1
B0
DEFAULT
04h
CFG2
-
-
-
-
MAX_RES
DA_n
COMP
REC
09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com