Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 4Page - SMSC Corporation EMC1053_08 Datasheet HTML 5Page - SMSC Corporation EMC1053_08 Datasheet HTML 6Page - SMSC Corporation EMC1053_08 Datasheet HTML 7Page - SMSC Corporation EMC1053_08 Datasheet HTML 8Page - SMSC Corporation EMC1053_08 Datasheet HTML 9Page - SMSC Corporation EMC1053_08 Datasheet HTML 10Page - SMSC Corporation EMC1053_08 Datasheet HTML 11Page - SMSC Corporation EMC1053_08 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.44 (04-14-08)
8
SMSC EMC1053
DATASHEET
External Temperature Monitor
Temperature Accuracy
Remote Diode 40
°C to 80°C
Remote Diode -20
°C to 125°C
Remote Diode -64
°C to 192°C
± 1
± 3
± 5
°C
°C
°C
15
°C≤T
A≤70°C
-20
°C≤T
A≤85°C
-20
°C≤T
A≤85°C
Temperature Resolution
0.125
°C
Filter Capacitor
CFILTER
2.2
nF
Connected across
external diode
Note 2.2
Voltage Tolerance
Voltage at pin ( SMDATA,SMCLK)
VTOL
-0.3
5.5
V
SMBus Interface (SMDATA,SMCLK)
Input High Level
VIH
2.0
V
Input Low Level
VIL
0.8
V
Input High/Low Current
IIH/IIL
-1
1
μA
Hysteresis
500
mV
Input Capacitance
5
pF
Output Low Sink Current
6
mA
SMDATA = 0.6V
SMBus Timing
Clock Frequency
FSMB
10
400
kHz
Spike Suppression
50
ns
Bus free time Start to Stop
TBUF
1.3
μs
Hold time Start
THD:STA
0.6
μs
Setup time Start
TSU:STA
0.6
μs
Setup time Stop
TSU:STO
0.6
μs
Data Hold Time
THD:DAT
0.3
μs
Data Setup Time
TSU:DAT
100
ns
Clock Low Period
TLOW
1.3
μs
Clock High Period
THIGH
0.6
μs
Clock/Data Fall Time
TF
*
300
ns
*Min = 20+0.1Cb ns
Clock/Data Rise Time
TR
*
300
Note
2.1
ns
*Min = 20+0.1Cb ns
Capacitive Load (each bus line)
Cb
0.6
400
pF
Table 2.2 Electrical Characteristics (continued)
VDD=3.0V to 3.6V, TA= -20°C to +85°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com