Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 23 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 19Page - SMSC Corporation EMC1053_08 Datasheet HTML 20Page - SMSC Corporation EMC1053_08 Datasheet HTML 21Page - SMSC Corporation EMC1053_08 Datasheet HTML 22Page - SMSC Corporation EMC1053_08 Datasheet HTML 23Page - SMSC Corporation EMC1053_08 Datasheet HTML 24Page - SMSC Corporation EMC1053_08 Datasheet HTML 25Page - SMSC Corporation EMC1053_08 Datasheet HTML 26Page - SMSC Corporation EMC1053_08 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
SMSC EMC1053
23
Revision 1.44 (04-14-08)
DATASHEET
APPLICATION NOTE: When measuring a 65nm Intel CPUs, the Ideality Setting should be the default 12h. When
measuring 45nm Intel CPUs, the Ideality Setting should be 15h.
4.8
Beta Configuration Registers (29h - 2Ah)
By default, the beta compensation circuitry is disabled and the EMC1053 is configured to measure
discrete diode-connected transistors. Writing to the Beta Configuration Registers will enable the beta
compensation circuitry and should be used if measuring a CPU substrate diode.
The beta compensation circuit is able to compensate for beta variation within a given range. The beta
configuration register is configured to the proper range to match the CPU to be monitored. The beta
values should be set so that the minimum expected beta is not below the threshold indicated in
Table 4.11. Beta compensation is activated if the BETA<2:0> bits are set to any value other than 07h.
010001
0.9986
100001
1.0200
110001
1.0408
010010
1.0000
100010
1.0213
010011
1.0013
100011
1.0226
010100
1.0026
100100
1.0239
010101
1.0039
100101
1.0252
010110
1.0053
100110
1.0265
010111
1.0066
100111
1.0278
Table 4.10 Beta Configuration Registers
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
29h
Diode 1 Beta
Configuration
-
-
-
-
-
BETA<2:0>
07h
2Ah
Diode 2 Beta
Configuration
-
-
-
-
-
BETA<2:0>
07h
Table 4.11 Beta Configuration Look Up Table
BETA<2:0>
MINIMUM BETA
21
0
00
0
0.11
00
1
0.18
01
0
0.25
0
1
1
0.33
10
0
0.43
10
1
1.00
Table 4.9 Substrate Diode Ideality Factor Look-Up Table (BJT Model) (continued)
SETTING
FACTOR
SETTING
FACTOR
SETTING
FACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com