Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 24 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 20Page - SMSC Corporation EMC1053_08 Datasheet HTML 21Page - SMSC Corporation EMC1053_08 Datasheet HTML 22Page - SMSC Corporation EMC1053_08 Datasheet HTML 23Page - SMSC Corporation EMC1053_08 Datasheet HTML 24Page - SMSC Corporation EMC1053_08 Datasheet HTML 25Page - SMSC Corporation EMC1053_08 Datasheet HTML 26Page - SMSC Corporation EMC1053_08 Datasheet HTML 27Page - SMSC Corporation EMC1053_08 Datasheet HTML 28Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.44 (04-14-08)
24
SMSC EMC1053
DATASHEET
4.9
Product ID Register (EDh)
The Product ID Register holds the unique product ID for identifying SMSC EMC products. See
Table 4.1 for a list of the product ID number for each version of the EMC1053.
4.10
Manufacturer ID Register (FEh)
The Manufacturer ID register contains an 8 bit word that identifies the manufacturer of the EMC1053
(SMSC = 5Dh).
4.11
Revision Register (FFh)
The Revision register contains a 4 bit word that identifies the die revision.
11
0
2.33
1
1
1
Disabled (default)
Table 4.12 Product ID Register
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
EDh
PID
00111
1
X
X
3Ch (-1)
3Dh (-2)
3Eh (-3)
3Fh (-4)
Table 4.13 Manufacturer ID Register
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FEh
SMSC
0
1
0111015Dh
Table 4.14 Revision Register
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
REV
-
-
-
-
0
00101h
Table 4.11 Beta Configuration Look Up Table (continued)
BETA<2:0>
MINIMUM BETA
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com