Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 15 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 11Page - SMSC Corporation EMC1053_08 Datasheet HTML 12Page - SMSC Corporation EMC1053_08 Datasheet HTML 13Page - SMSC Corporation EMC1053_08 Datasheet HTML 14Page - SMSC Corporation EMC1053_08 Datasheet HTML 15Page - SMSC Corporation EMC1053_08 Datasheet HTML 16Page - SMSC Corporation EMC1053_08 Datasheet HTML 17Page - SMSC Corporation EMC1053_08 Datasheet HTML 18Page - SMSC Corporation EMC1053_08 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
SMSC EMC1053
15
Revision 1.44 (04-14-08)
DATASHEET
When monitoring the thermal diode of an AMD K8 processor, the Resistance Error Correction must be
disabled for accurate temperature measurements. This is accomplished by clearing the REC bit in the
configuration 2 register (see Section 4.5). Please see Application note “13.16 - Using the EMC1043
with AMD Processors” for more details.
3.7
Beta Compensation
The Beta Compensation function can be programmed to eliminate temperature errors caused by beta
variation in modern, low beta transistors used for monitoring processor temperatures.
Changes in
beta as differing currents are applied to temperature transistors can cause significant temperature
errors in monitoring devices. As modern processor geometries shrink the trend is for transistor betas
to decrease, which exacerbates temperature errors.
By default, this functionality is disabled. It can be enabled by writing any value other than 07h in the
Beta Configuration Registers (see Section 4.11).
Discrete transistors, with collector connected to base to form a diode, are generally immune to these
temperature errors because of high (>100) betas. A beta variation of 10% from low current to high
current, when beta equals 100, induces approximately 0.12° error at 100°C. However for a low beta
(1.0) substrate transistor used for processor temperature measurement, a beta variation of 10% from
low to high current induces approximately 6.12° error at 100°C.
When measuring an AMD K8 processor, the Beta Compensation circuitry must be disabled. See
Section 4.8. Please see SMSC Application note “13.16 - Using the EMC1043 with AMD Processors”
for more details.
3.8
Programmable Ideality Factor
The EMC1053 default is for a diode ideality factor of 1.008 which is common for a 2N3904 diode and
for many processor transistors. When a diode or transistor is used that has a different ideality factor
value than 1.008 a temperature error is induced that is a linear function of temperature. Previous
solutions for this mismatch in ideality factor has been to supply a programmable offset to the
temperature reading which corrects the error at a single temperature but causes a residual error at all
other temperatures. The EMC1053 ideality factor register corrects this mismatch error at all
temperatures (see Section 4.7).
APPLICATION NOTE: When monitoring a substrate transistor or CPU diode and beta compensation is enabled, the
Ideality Factor should not be adjusted. Beta Compensation automatically corrects for most
ideality errors.
3.9
Diode Faults
The EMC1053 detects a fault if the DP pin is left floating or is shorted to VDD. In the case of a diode
fault, the corresponding status bit will be set and the output data will be set at 400h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com