Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 19 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 15Page - SMSC Corporation EMC1053_08 Datasheet HTML 16Page - SMSC Corporation EMC1053_08 Datasheet HTML 17Page - SMSC Corporation EMC1053_08 Datasheet HTML 18Page - SMSC Corporation EMC1053_08 Datasheet HTML 19Page - SMSC Corporation EMC1053_08 Datasheet HTML 20Page - SMSC Corporation EMC1053_08 Datasheet HTML 21Page - SMSC Corporation EMC1053_08 Datasheet HTML 22Page - SMSC Corporation EMC1053_08 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
SMSC EMC1053
19
Revision 1.44 (04-14-08)
DATASHEET
4.3
Status Register - 02h
The Status Register is a read only register and returns the operational status of the part. External diode
faults are indicated by bits 1 and 0. If either bit is set to ‘1’, then a diode fault has occurred. When a
diode fault occurs, the D1 or D2 status bit is set, but otherwise the data remains unchanged.
Bit 7 - Busy - indicates that the ADC is currently converting a temperature.
Bit 4 - HOTTER - during Hotter of Two mode, this bit indicates which of the external diode channels
is hotter. If this bit is ‘0’, then External Diode 1 is hotter or equal to External Diode 2. If this bit is ‘1’,
then External Diode 2 is hotter than External Diode 1. During normal operation, this bit will always read
a ‘0’.
Bit 1 - D2 - indicates that a diode fault has occurred on External Diode 2.
Bit 0 - D1 - indicates that a diode fault has occurred on External Diode 1.
4.4
Configuration Register (03h Read, 09h Write)
The Configuration Register controls the basic functionality of the EMC1053. The bits are described
below:
Bit 6 - STANDBY- controls the ADC conversions and power modes of the part.
'0' - The device is in the run operating mode. The ADC is converting at the user-programmed
conversion rate.
'1' - (default) The device is in the standby operating mode (see Section 3.1).
Bit 2-0 - CR<2:0> - determines the conversion rate for the temperature monitoring per Table 4.4.
Table 4.2 Status Register
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
02h
Status
Busy
-
-
HOTTER
-
-
D2
D1
00h
Table 4.3 Configuration Register
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h Read,
09h Write
Config
-
STANDBY
-
-
-
CR<2:0>
45h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com