Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 16 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 12Page - SMSC Corporation EMC1053_08 Datasheet HTML 13Page - SMSC Corporation EMC1053_08 Datasheet HTML 14Page - SMSC Corporation EMC1053_08 Datasheet HTML 15Page - SMSC Corporation EMC1053_08 Datasheet HTML 16Page - SMSC Corporation EMC1053_08 Datasheet HTML 17Page - SMSC Corporation EMC1053_08 Datasheet HTML 18Page - SMSC Corporation EMC1053_08 Datasheet HTML 19Page - SMSC Corporation EMC1053_08 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Chapter 4 Register Set and Description
The following registers are accessible through the SMBus Interface.
Table 4.1 EMC1053 Register Set
REGISTER
ADDRESS
R/W
REGISTER NAME
SYMBOL
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
VALUE
READ
WRITE
00h
N/A
R
Internal Temperature
High Byte - Legacy
Format
INTHBL
Sign
64
32
16
8
4
2
1
00h
23h
N/A
R
Internal Temperature
Low Byte - Legacy
Format
INTLBL
0.5
0.25
0.125
00h
01h
N/A
R
External Diode 1 High
Byte - Legacy Format
ET1HBL
Sign
64
32
16
8
4
2
1
00h
10h
N/A
R
External Diode 1 Low
Byte - Legacy Format
ET1LBL
0.5
0.25
0.125
00h
F8h
N/A
R
External Diode 2 High
Byte - Legacy Format
ET2HBL
Sign
64
32
16
8
4
2
1
00h
F9h
N/A
R
External Diode 2 Low
Byte - Legacy Format
ET2LBL
0.5
0.25
0.125
00h
FAh
N/A
R
External Diode 1 High
Byte - Extended
Format
ET1HBE
128
64
32
16
8
4
2
1
00h
FBh
N/A
R
External Diode 1 Low
Byte - Extended
Format
ET1LBE
0.5
0.25
0.125
00h
FCh
N/A
R
External Diode 2 HIgh
Byte - Extended
Format
ET2HBE
128
64
32
16
8
4
2
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com