Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1053 Datasheet(PDF) 14 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 10Page - SMSC Corporation EMC1053_08 Datasheet HTML 11Page - SMSC Corporation EMC1053_08 Datasheet HTML 12Page - SMSC Corporation EMC1053_08 Datasheet HTML 13Page - SMSC Corporation EMC1053_08 Datasheet HTML 14Page - SMSC Corporation EMC1053_08 Datasheet HTML 15Page - SMSC Corporation EMC1053_08 Datasheet HTML 16Page - SMSC Corporation EMC1053_08 Datasheet HTML 17Page - SMSC Corporation EMC1053_08 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.44 (04-14-08)
14
SMSC EMC1053
DATASHEET
3.5
Temperature Measurement Results and Data
Each temperature result for each zone is available in two byte wide data registers. As shown in
Section 4.1, the 11-bit format has the 8 most significant bits stored in the high byte register and the 3
least significant bits stored in the three MSB positions of the low byte register. The delta-sigma ADC
may be operated with more than 11 bits of resolution for improved averaging as described in
Section 4.5, but the temperature result is reported at 11-bit resolution.
The temperature results for the two remote zones are also stored in extended format with a range from
-64°C to +191°C. The data format is a 2’s complement number offset by 64°C as shown in Section 4.2.
The data for each of the remote zones in both legacy and extended format is stored in separate data
registers so that both data formats are always available. Table 3.2 shows the default and extended
range formats.
3.6
Resistance Error Correction (REC)
Resistance error correction is an automatic feature that eliminates the need to characterize and
compensate for series resistance in the external diode lines. The EMC1053 corrects for as much as
100 ohms of series resistance.
When using a temperature sensor that does not include resistance error correction, voltage developed
across the parasitic resistance in the external diode path produces an error in the reported
temperature. The error introduced by this resistance is approximately +0.7°C per ohm. Sources of
series resistance are PCB trace resistance, on die (i.e. on the processor) metal resistance, bulk
resistance in the base and emitter of the temperature transistor.
Table 3.2 EMC1053 Temperature Data Format
TEMPERATURE (°C)
RANGE -64°C TO 127°C
RANGE -64°C TO 191°C
BINARY
OFFSET BINARY
Diode Fault
100 0000 0000
100 0000 0000
<= -64
110 0000 0000
100 0000 0000
-63.875
110 0000 0001
100 0000 0001
-63
110 0000 1000
100 0000 1000
-1
111 1111 1000
101 1111 1000
0
000 0000 0000
110 0000 0000
0.125
000 0000 0001
110 0000 0001
1
000 0000 1000
110 0000 1000
64
010 0000 0000
000 0000 0000
65
010 0000 1000
000 0000 1000
127
011 1111 1000
001 1111 1000
127.875
011 1111 1111
001 1111 1111
128
011 1111 1111
010 0000 0000
191
011 1111 1111
011 1111 1000
>= 191.875
011 1111 1111
011 1111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com