Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 17Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 18Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 19Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 20Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 21Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 22Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 23Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 24Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 125 page
background image
21
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
Choose this value with respect to the locally supplied maximum-cell voltage and derate appropriately for operating conditions and
temperature.
(2)
Derate this value appropriately for operating conditions and temperature.
NOTE
V5VAO can only supply enough power to meet internal IC requirements; it should not
connect to external circuitry.
7.3.1.1.4
VP Regulated Output
The bq76PL455A power comes directly from the cells to which it is connected. Current draw is from the top and
bottom of the n-cell battery assembly, so that current through each cell is the same. An integrated linear
regulator utilizes an external NPN transistor (Zetex ZXTN4004K or similar) to generate a nominal 5.3-V rail on
pin VP. VP is both a power input and the sense node for this supply. The NPNB pin controls the external NPN
transistor of the regulator. A capacitor or resistor-capacitor combination must connect externally from VP to GND,
see Pin Configuration and Functions for details. VP must connect externally to VDIG and can optionally connect
to VIO. Both of these connections are through series 1-
Ω resistors and separately decoupled. This regulator is
OFF in SHUTDOWN mode.
Table 1. Recommended NPN Transistor Characteristics
PARAMETER
DESCRIPTION
TEST CONDITION
TYPICAL VALUE
UNIT
BVCEO
Collector-Emitter voltage(1)
100
V
Beta β
Gain
at 5 mA
> 100
CCB
Collector-Base capacitance
≤ 35
pF
P
Power handling(2)
See the following text for
collector resistor details.
500
mW
IC
Collector current rating
> 100
mA
Add a collector resistor between the NPN collector and the TOP pin to reduce power dissipation in the NPN
under normal and system fault conditions. The value of this resistor is chosen based on the minimum battery-
stack voltage, the bq76PL455A VP/VDIG total load current, and the load current of any external I/O circuitry
powered directly or indirectly by VP/VDIG. Also, the recommendation is to add a 1-µF decoupling capacitor
directly from the collector to AGND.
7.3.1.1.5
VDIG Power Input
VDIG is the digital voltage supply input. Always connect it to the VP pin, which normally receives power from the
NPN. Optionally, an external supply may drive VDIG, but still must be connected to VP. This applies in all
operating modes. The VDIG source is from VP through a 1-
Ω resistor. Decouple VDIG with a separate capacitor
at the pin.
7.3.1.1.6
VDD18 Regulator
A provided internal regulator generates a 1.8-V digital supply for internal device use only. The 1.8-V supply does
not require an external capacitor, and there is no pin or external connection. Faults on VDD18 that cause the
voltage to drop below its regulation may cause UART communication errors. If the fault is caused by LDO_TEST,
reset or shutdown/wakeup the device to regain functionality.
7.3.1.1.7
VIO Power Input
VIO is the voltage supply input used to power the digital I/O pins TX, RX, FAULT_N, and GPIOn. VIO may
connect to an externally regulated-supply rail, which is common to an I/O device such as a microcontroller.
Alternately, the source for VIO may be from VP through a 1-
Ω resistor. Decouple VIO with a separate capacitor
at the pin.
If VIO does not have power, the part holds in reset and enters shutdown after a short delay. This gives a very
good
reset
mechanism
for
non-stacked
systems.
Upon
power
up
from
a
SHUTDOWN,
the
SHDN_STS[GTSD_PD_STAT] bit will be set. This flag bit is the logical <OR> of this condition or triggering the
thermal shutdown of the digital die in a die overtemperature situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com