Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 53 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 49Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 50Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 51Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 52Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 53Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 54Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 55Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 56Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 125 page
background image
53
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Special care should be taken when addressing the Command Register (address 2). When sending command
frames that generate response frames to this register, the length of a response frame is dependent on the
content of the Command Channel Select Register (address 3–6). When addressing multiple devices, the
response from each device may vary in length depending on the configuration of the addressed device.
Additionally, there may be a delay in the expected response(s) depending on the configuration information stored
in the Voltage and Internal Temperature Sampling Period Register (address 62), AUX Sampling Period Register
(address 63-66), and Test Sampling Period Register (address 67-68). All of the aforementioned registers affect
the channel sampling period.
7.5.3.1 Single Device Write with Response Command Frame
Interpretation of the Data field in a Single Device Write with Response frame depends on the target register of
the command.
If the target register is the Command Register (address 2), then the data bytes may contain the command, new
content for the Command Channel Select Register, and new content for the Averaging Register. If the data for
the Command Channel Register and Averaging Register are omitted from the Single Device Write with
Response Command Frame, then the previously configured values in those registers will be used. If the data are
included in the command frame, then these values will be written into the respective registers and used for the
requested sampling.
If the target register is not the Command Register, then the interpretation of the data bytes will be as the number
of bytes being requested from the bq76PL455A minus one, starting at the register address provided in the
Register Address byte of the command frame.
The DATA_SIZE field in the Frame Initialization byte should be written with the number of data bytes in the
command frame.
7.5.3.1.1
Single Device Write with Response to Command Register (Address 2)
The value of the DATA_SIZE field in the Frame Initialization byte for this case is typically 001 (1 byte), 101 (5
bytes) or 110 (six bytes). These variations correspond to commands which:
1. Send only the sample command request and expect the bq76PL455A to use the preprogrammed sampling
values in the registers that control sampling.
2. Send the sample command request and the value for the Channel Select Register (address 3–6), but expect
the bq76PL455A to use the preprogrammed value in the Averaging Register (address 7). The data bytes
from the command frame will overwrite the Channel Select Register.
3. Send the sample command request and the values for the Channel Select Register (address 3–6) and
Averaging Register (address 7). The data bytes from the command frame will overwrite the respective
register for both the Channel Select Register and the Averaging Register.
The size of the response frame in response to a command frame of this type is directly related to the number of
channels selected by either the preprogrammed data in the Channel Select Register (address 3–6) or the data
passed to the bq76PL455A in the command frame.
Three examples follow. All three examples target the device at Device Address 00, which is typically the address
of a single device or the address of the lowest device in a stack of devices.
7.5.3.1.1.1
Data Contains Command Only
For the purpose of this example, assume the following start conditions:
1. Content of Channel Select Register before command: 0FFF5500
2. Content of Averaging Register before command: 00
7
6
5
4
3
2
1
0
Command Frame Init
1
000 (binary)
0
001 (binary)
Device Address
00
Register Address
02
Data (Command)
00
CRC (MSB)
29
CRC (LSB)
5C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com