Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 97 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 93Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 94Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 95Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 96Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 97Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 98Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 99Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 100Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
B? =
1
2è41%1
*V
97
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
Select zener diodes that meet the following conditions:
1. The bq76PL455 inputs are protected from input voltage transients greater than 5.5 V. Any transients greater
than 5.5 V must be clamped to less than 6.5 V for an accumulative time duration not to exceed 0.1% of the
device 10-year lifetime.
2. The zener maximum reverse current (Iz) at normal battery-cell voltage levels are as low as possible to keep
the quiescent system-current draw low. Additionally, any leakage through the zener diode affects the total
channel accuracy measurements as it adds to the voltage drop across the filter resistor.
3. The zener must be capable of withstanding instantaneous or continuous currents that the bq76PL455A
experiences during fault events. These events can include cable connect/disconnect, inrush, or reverse
battery voltage. Depending on the fault and the direction of current flow, the maximum power dissipation for
the zener diode must not be exceeded to stay within maximum operating conditions.
Additionally, a series resistor and bypass capacitor are required for each of the VSENSE inputs. The series
resistor (R132 and R138 in Figure 28) serves two functions:
1. They protect the AFE inputs from in-rush currents during hot plug-in. This requirement limits the input series
R to a minimum of 100 Ω. Keep this resistance as low as possible to minimize input voltage offset, which is
also subject to drift over temperature. These requirements limit the maximum value to 1 kΩ. Error due to
input bias currents, on the front end of the AFE, is directly proportional to the value of the resistors. The
voltage measurement error can be calculated as:
voltage measurement error = 2 × R × ISENSE
(10)
2. The resistor and capacitor (R132 and C61 in Figure 28) provide an RC filter for high-frequency noise on the
AFE inputs. The tuning of this filter cutoff is adjustable and depends on the expected frequency of noise in
the system. Select a minimum 0.1-µF capacitor connected from the VSENSE input to the battery pack GND
(BAT0 in Figure 28). Calculate the cutoff frequency using Equation 11:
(11)
3. Ensure that the RC-filter components are as close to the device as possible. The capacitor location is
extremely important and must be given priority for optimum performance.
4. For applications that require a very low filter cutoff frequency, connect a differential capacitor between the
VSENSE lines to provide the bulk of the AFE input filtering. The bias voltage on these differential capacitors
are the same (or very close), therefore, anti-aliasing is improved.
Additional components are necessary to improve EMC performance of bq76PL455A in applications with
electrically noisy environments.
•
Use ferrite beads or small inductors in series with the cell inputs between the cell output and the series
resistor to the VSENSE input. The bead and small capacitor must be located near each other.
•
Add a 0.0033-µF capacitor from each cell input to the battery pack (BAT0 in Figure 29). Adjust the value of
capacitance to satisfy the PCB layout and field conditions for the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com