Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 57 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 53Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 54Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 55Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 56Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 57Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 58Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 59Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 60Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 125 page
background image
57
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
NOTE
For the following configuration examples, assume a daisy chain of four devices with
addresses 00–03 in which devices at address 01 and address 02 belong to Group ID 01,
and the devices at address 00 and address 03 belong to Group ID 00.
7.5.3.3.1
Configuration 1: Group Write with Response to Command Register with Sampling Parameters Included in
Command Frame
In response to the command frame in this example, each bq76PL455A in the specified group will write the new
sample parameters into the CHANNELS and OVERSMPL registers, sample the channels identified in the data
parameters, store the results, and send a response frame containing the sample data. In this example, the user
expects two complete response frames, since there are two devices in the addressed group.
7
6
5
4
3
2
1
0
Command Frame Init
1
010 (binary)
0
110 (binary)
Group ID
01
Register Address
02
Data (Command)
02
Data (Channel Select MSB)
FF
Data (Channel Select)
FF
Data (Channel Select)
55
Data (Channel Select LSB)
00
Data (Averaging Setting)
00
CRC (MSB)
04
CRC (LSB)
59
For details on how to read the response, refer to Register Details. A simplified overview of the meaning of the
data bytes in this example is in the following table.
BYTE (HEX)
BYTE (BINARY)
DESCRIPTION
A6
1 010 0 110
Command frame, Group Write with Response = REQ_TYPE, 8-bit Register Addressing, 6 data
bytes = DATA_SIZE
01
00000001
Target is Group ID = 01
02
00000010
Target Register = 02 (Command Register)
02
000 00010
Upper three bits define Command sent to Command register, lower 5 bits is address of
highest device in group to respond
FF
11111111
Select Channels 16 to 9
FF
11111111
Select Channels 8 to 1
55
01010101
Select AUX6, AUX4, AUX2 and AUX0
00
00000000
Do not select temperature or additional channels
00
00000000
No averaging
04
00000100
CRC
59
01011001
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com