Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 35 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 31Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 32Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 33Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 34Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 35Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 36Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 37Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 38Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 125 page
background image
STATUS[]
FAULT MASKING
FAULT SUMMARY
FAULTH±
&
TONE_PRESENT
FAULT SUMMARY - Top Level
10kHZ TONE
DETECT
&
10kHz TONE
GENERATOR
FAULTL ±
FAULT _SUM[]
FO_CTRL[]
UV_FAULT _SUM
GPI_FAULT _SUM
CHIP_FAULT _SUM
SYS_FAULT _SUM
COMM_FAULT _SUM
CMPOV_FAULT _SUM
CMPUV_FAULT _SUM
AUXOV_FAULT _SUM
AUXUV_FAULT _SUM
OV_FAULT _SUM
GPI_FAULT_OUT
CHIP_FAULT _OUT
SYS_FAULT _OUT
COMM_FAULT _OUT
CMPOV_FAULT_OUT
CMPUV_FAULT_OUT
AUXOV _FAULT _OUT
AUXUV_FAULT _OUT
OV_FAULT _OUT
UV_FAULT _OUT
&
&
&
&
&
&
&
&
&
&
≥1
COM_CONFIG[]
UV_FAULT_ANY
OV_FAULT_ANY
AUXUV_FAULT_ANY
AUXOV _FAULT_ANY
CMPUV_FAULT_ANY
CMPOV_FAULT_ANY
COMM _FAULT_ANY
SYS _FAULT_ANY
CHIP_FAULT_ANY
GPI _FAULT_ANY
DIFF_FAULT _EN
FAULT _HIGH_EN
FAULT SOURCES
FAULT _N
UV_FAULT_ANY
OV_FAULT_ANY
AUXUV_FAULT_ANY
AUXOV _FAULT_ANY
CMPUV_FAULT_ANY
CMPOV_FAULT_ANY
COMM _FAULT_ANY
SYS _FAULT_ANY
CHIP_FAULT_ANY
GPI _FAULT_ANY
STACK_FAULT _DET
Latched bit
STACK _FAULT
Bit not latched
FAULT _CONDITION
Bit not latched
Enables Lo Side
Diff TX (COMML±)
Enables High Side
Diff RX (COMMH±)
≥1
FAULT SOURCES
35
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 23. Fault Hierarchy Top-Level
7.3.12.2 FAULT Signaling
The FAULT bus transmits a simple heartbeat pulse at a fixed frequency when enabled and unmasked faults are
not present. Masking a fault does not clear a pre-existing fault condition. A device sensing a fault condition stops
transmitting the heartbeat to the ICs in the chain below. The ICs sense this condition in the stack below and then
assert the FAULT_N pins if configured to sense the lack of tone in COMCONFIG. FAULT_N only asserts if the
UART_EN bit in COMCONFIG is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com