Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 4 Page - Texas Instruments

  BQ76PL455APFCT Datasheet HTML 1Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 2Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 3Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 4Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 5Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 6Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 7Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 8Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
4
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
NAME
TYPE(1)
DESCRIPTION
PIN
NO.
CGND
48
P
Communication ground(2). Connect to ground plane.
CHM
33
P
Charge pump flying capacitor connection. Connect a 22-nF ceramic capacitor(3) between this pin
and CHP.
CHP
32
P
Charge pump flying capacitor connection. Connect a 22-nF ceramic capacitor(3) between this pin
and CHM.
COMMH–
54
DIO
Inverting, high-side differential connection to the COMML– pin of the higher adjacent module in a
daisy chain.
Leave this pin unconnected if not used.
COMMH+
55
DIO
Non-inverting, high-side differential connection to the COMML+ pin of the higher adjacent module in
a daisy chain.
Leave this pin unconnected if not used.
COMML–
53
DIO
Inverting, low-side differential connection to the COMMH– pin of the lower adjacent module in a
daisy chain. Leave this pin unconnected if not used.
COMML+
52
DIO
Non-inverting, low-side differential connection to the COMMH+ pin of the lower adjacent module in a
daisy chain. Leave this pin unconnected if not used.
DGND1
30
P
Digital Ground(2). Connect to ground plane.
DGND2
35
P
Digital Ground(2). Connect to ground plane.
DGND3
37
P
Digital Ground(2). Connect to ground plane.
EQ1
28
DO
Cell Equalization control output used to drive an external N-FET balancing cell 1. May leave this pin
unconnected if not used.
EQ2
26
DO
Cell Equalization control output used to drive an external N-FET balancing cell 2. May leave this pin
unconnected if not used.
EQ3
24
DO
Cell Equalization control output used to drive an external N-FET balancing cell 3. May leave this pin
unconnected if not used.
EQ4
22
DO
Cell Equalization control output used to drive an external N-FET balancing cell 4. May leave this pin
unconnected if not used.
EQ5
20
DO
Cell Equalization control output used to drive an external N-FET balancing cell 5. May leave this pin
unconnected if not used.
EQ6
18
DO
Cell Equalization control output used to drive an external N-FET balancing cell 6. May leave this pin
unconnected if not used.
EQ7
16
DO
Cell Equalization control output used to drive an external N-FET balancing cell 7. May leave this pin
unconnected if not used.
EQ8
14
DO
Cell Equalization control output used to drive an external N-FET balancing cell 8. May leave this pin
unconnected if not used.
EQ9
12
DO
Cell Equalization control output used to drive an external N-FET balancing cell 9. May leave this pin
unconnected if not used.
EQ10
10
DO
Cell Equalization control output used to drive an external N-FET balancing cell 10. May leave this
pin unconnected if not used.
EQ11
8
DO
Cell Equalization control output used to drive an external N-FET balancing cell 11. May leave this
pin unconnected if not used.
EQ12
6
DO
Cell Equalization control output used to drive an external N-FET balancing cell 12. May leave this
pin unconnected if not used.
EQ13
4
DO
Cell Equalization control output used to drive an external N-FET balancing cell 13. May leave this
pin unconnected if not used.
EQ14
2
DO
Cell Equalization control output used to drive an external N-FET balancing cell 14. May leave this
pin unconnected if not used.
EQ15
80
DO
Cell Equalization control output used to drive an external N-FET balancing cell 15. May leave this
pin unconnected if not used.
EQ16
78
DO
Cell Equalization control output used to drive an external N-FET balancing cell 16. May leave this
pin unconnected if not used.
FAULT_N
40
DO
Single-ended active-low fault output. Leave this pin unconnected if not used.
FAULTH–
56
DI
Inverting, high-side differential connection to the FAULTL– pin of the higher adjacent module in a
daisy chain.
Leave this pin unconnected if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com