Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 82 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 78Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 79Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 80Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 81Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 82Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 83Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 84Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 85Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 125 page
background image
82
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3.30 FAULT_AUX 0x58–59 (88–89) Auxiliary Under/Over-Threshold Fault
BIT
NAME
DESCRIPTION
[15:8]
AUX_UV_FAULT
For each bit in this bitmask:
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': The stored result for the corresponding auxiliary channel is less than
UV_THRES_AUX*. AUX_UV_FAULT[0] corresponds to AUX0.
If UNLATCHED_FAULT is set, this register is self-clearing.
[7:0]
AUX_OV_FAULT
For each bit in this bitmask:
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': The stored result for the corresponding auxiliary channel is greater than
OV_THRES_AUX*. AUX_OV_FAULT[0] corresponds to AUX0.
If UNLATCHED_FAULT is set, this register is self-clearing.
7.6.3.31 FAULT_2UV 0x5A–5B (90–91) Comparator Undervoltage Fault
BIT
NAME
DESCRIPTION
[15:0]
CMPUV_FAULT
For each bit in this bitmask:
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': Corresponding battery cell comparator has detected an undervoltage condition.
CMPUV_FAULT[0] corresponds to cell 1.
When UNLATCHED_FAULT is set, these comparator faults only automatically clear if no other
Analog die based fault exists. This is true even for faults that are masked.
Analog die faults include FAULT_SYS[0:3] or any bit in registers FAULT_2UV or FAULT_2OV.
7.6.3.32 FAULT_2OV 0x5C–5D (92–93) Comparator Overvoltage Fault
BIT
NAME
DESCRIPTION
[15:0]
CMPOV_FAULT
For each bit in this bitmask:
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': Corresponding battery cell comparator has detected an overvoltage condition.
CMPOV_FAULT[0] corresponds to cell 1.
When UNLATCHED_FAULT is set, these comparator faults only automatically clear if no other
Analog die based fault exists. This is true even for faults that are masked.
Analog die faults include FAULT_SYS[0:3] or any bit in registers FAULT_2UV or FAULT_2OV.
7.6.3.33 FAULT_COM 0x5E–5F (94–95) Communications Fault
BIT
NAME
DESCRIPTION
[15]
COMP_ERR_H
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A bit on the high-side interface failed to compare with its complement. This is notification
only; the frame is processed by the communications interface logic.
[14]
COMP_ERR_L
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A bit on the low-side interface failed to compare with its complement. This is notification
only; the frame is processed by the communications interface logic.
[13]
COMP_FLT_H
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A frame on the high-side interface (COMMH) was stopped due to two or more
complement errors (COMP_ERR_H).
[12]
COMP_FLT_L
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A frame on the low-side interface (COMML) was stopped due to two or more
complement errors (COMP_ERR_L).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com