Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 73 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 72Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 73Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 74Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 75Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 76Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 125 page
background image
73
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[13:12]
BAUD
0 = 125 Kbaud
1 = 250 Kbaud
2 = 500 Kbaud
3 = 1 Mbaud
This register will be reset to 250 Kbaud by a communication reset.
[11:8]
RSVD
Reserved — always write/read as zero.
[7]
UART_EN
0 = Disable single-ended transmitter and FAULT_N outputs. When disabled, TX will drive high and
FAULT_N will drive low. Signals do not tri-state.
1 = Enable single-ended transmitter interface
[6]
COMM_HIGH_EN
0 = Disable high-side differential receiver interface
1 = Enable high-side differential receiver interface
[5]
DIFF_COMM_EN
0 = Disable differential low-side transmission interface
1 = Enable differential low-side transmission interface
[4]
FAULT_HIGH_EN
0 = Disable high-side fault differential receiver interface
1 = Enable high-side fault differential receiver interface
[3]
DIFF_FAULT_EN
0 = Disable differential fault output heartbeat
1 = Enable differential fault output heartbeat
[2:0]
RSVD
Reserved—Always write/read as zero.
7.6.3.12
TXHOLDOFF 0x12 (18) UART Transmitter Holdoff
BIT
NAME
DESCRIPTION
[7:0]
TX_HOLDOFF
This sets how many bit periods after a received stop bit the transmitter needs to wait before it starts to
transmit response data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com