Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 9Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 10Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 11Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 12Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 13Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 14Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 15Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 16Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
13
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Secondary Protector – Window Comparators (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TCOMP_UV
UVP Response time
Overdrive = 100 mV
20
µs
TCOMP_OV
OVP Response time
Overdrive = 100 mV
20
µs
VCOMP_REF_45
Comparator reference
Measured by ADC as HREF - HREF_GND
4.5
V
ERRVCOMP_REF_45
Comparator reference error
0°C
≤ TA ≤ 65°C, measured by ADC
–22
–7
9.5
mV
–40°C
≤ TA ≤ 85°C, measured by ADC
–27
–7
15
mV
6.21 Power-On-Reset (POR) and FAULT Flag Thresholds
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPFLT_TRIP
VP_FAULT voltage threshold, analog die
Falling VP
4.3
4.5
4.7
V
Rising VP
4.3
4.5
4.7
VMFLT_TRIP
VM_FAULT voltage threshold, analog die
Falling VM (more negative)
–4.2
–4
–3.8
V
Rising VM (more positive)
–3.9
–3.8
–3.7
DDIEPOR
VP/VDIG POR voltage threshold, digital
die
Falling voltage, VP connected to VDIG
3.9
4.15
4.4
V
Rising voltage, VP connected to VDIG
4.1
4.5
4.7
V5VAOSD
V5VAO SHUTDOWN voltage threshold,
digital die
Falling V5VAO
1.8
2.3
2.8
V
Rising V5VAO
2.5
V
VIOPOR
VIO POR voltage threshold, digital die
Falling VIO
2.1
2.3
2.5
V
Rising VIO
2.3
2.5
2.7
VIOSD_DLY
VIO delay before SHUTDOWN
VIO
≤ VIOPOR
35
57
100
ms
(1)
Specified by design, not tested in production.
6.22 Miscellaneous
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Main oscillator frequency (±1.5%)
47.28
48
48.72
MHz
fHBEAT
Fault tone (heartbeat) frequency at pins
FAULTL±
No fault condition present, heartbeat
enabled
10
kHz
HBPULSE
Fault heartbeat pulse width at pins
FAULTL±
No fault condition present, heartbeat
enabled
125
ns
tCKSUM_USER
Time to complete User-space checksum
test(1)
5
ms
tCKSUM_TI
Time to complete TI-space checksum
test(1)
5
ms
tCKSUM_PER
Period for automatic checksum
updates(1)
2
µs
tADCFullTest
Time to complete full ADC test(1)
450
ms
tADCTest
Time to complete abbreviated ADC
test(1)
15
ms
VHREF_GND_FAUL
T
Voltage threshold for 4.5-V reference
ground fault(1)
0.96
V
VHREF_FAULT_OV
Overvoltage threshold for 4.5-V
reference fault(1)
4.75
V
VHREF_FAULT_UV
Undervoltage threshold for 4.5-V
reference fault(1)
4.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com