Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 2Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 3Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 4Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 5Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 6Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 7Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 8Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 9Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 125 page
background image
6
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
NAME
TYPE(1)
DESCRIPTION
PIN
NO.
VP
70
P
5.3-V regulated analog power supply input/sense pin.
Connect to external NPN transistor's emitter and decouple with a 0.1-µF capacitor(3) to AGND and a
4.7-µF capacitor(3) in series with a 0.390-Ω resistor to GND. Locate decoupling capacitors as close
to the VP pin as possible.
Always connect VDIG to VP with 1-Ω resistor.
VREF
67
P
VREF output filter pin. Decouple with parallel 0.1-µF and 1.8-µF (25 V+) capacitors(3) to the ground
plane. Locate decoupling capacitors as close to the pin as possible. To maintain measurement
fidelity, do not place external loads on this pin.
VSENSE0
29
AI
Connect to the negative pin of the 1st cell.
VSENSE1
27
AI
Channel 1. Connect to the positive pin of the 1st cell.
VSENSE2
25
AI
Channel 2. Connect to the positive pin of the 2nd cell.
VSENSE3
23
AI
Channel 3. Connect to the positive pin of the 3rd cell.
VSENSE4
21
AI
Channel 4. Connect to the positive pin of the 4th cell.
VSENSE5
19
AI
Channel 5. Connect to the positive pin of the 5th cell.
VSENSE6
17
AI
Channel 6. Connect to the positive pin of the 6th cell.
VSENSE7
15
AI
Channel 7. Connect to the positive pin of the 7th cell.
VSENSE8
13
AI
Channel 8. Connect to the positive pin of the 8th cell.
VSENSE9
11
AI
Channel 9. Connect to the positive pin of the 9th cell.
VSENSE10
9
AI
Channel 10. Connect to the positive pin of the 10th cell.
VSENSE11
7
AI
Channel 11. Connect to the positive pin of the 11th cell.
VSENSE12
5
AI
Channel 12.Connect to the positive pin of the 12th cell.
VSENSE13
3
AI
Channel 13. Connect to the positive pin of the 13th cell.
VSENSE14
1
AI
Channel 14. Connect to the positive pin of the 14th cell.
VSENSE15
79
AI
Channel 15. Connect to the positive pin of the 15th cell.
VSENSE16
77
AI
Channel 16. Connect to the positive pin of the 16th cell.
WAKEUP
49
DI
Wakeup input. Pull this pin low or tie to ground if not used. Do not allow this pin to float at any time.
(1) Key: AI = analog input; AO=analog output; DI = digital input; DO= digital output; DIO= digital I/O; P= Power; NC= no connect.
(2) Externally connected pins as common ground or GND in the design. See Grounding for details.
(3) All capacitors are type X7R or better, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com