Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL455APFCT Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 59 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 55Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 56Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 57Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 58Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 59Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 60Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 61Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 62Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 125 page
background image
59
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
For details on how to interpret the response, refer to Register Details. A simplified overview of the meaning of the
data bytes in this example is in the following table.
BYTE (HEX)
BYTE (BINARY)
DESCRIPTION
A2
1 010 0 001
Command frame, Group Write with Response = REQ_TYPE, 8-bit Register Addressing, 2
data bytes = DATA_SIZE
01
00000001
Target is Group ID = 01
03
00000011
Target Register = 03 (Command Channel Select Register)
02
00000010
Address of highest device in target group
03
00000011
Number of Data Bytes – 1 expected in response (4 bytes in this example)
49
01001001
CRC
44
01000100
CRC
The command frame in this example will generate a response frame from each of the two devices targeted by
the command frame. Each response frame will contain data stored in the Command Channel Select register of
the responding bq76PL455A. The response frame from the bq76PL455A at the highest address in the addressed
group will arrive first. If the stored data were FFFF8000 (hex) for the device at Device Address 02 in Group 01
and the data were FFFF0100 (hex) for the device at Device Address 01 in Group ID 01, then the response
frames would be as in the following table.
7
6
5
4
3
2
1
0
Response Frame Init
0
0000011 (binary)
Data
FF
Data
FF
Data
80
Data
00
CRC (MSB)
25
CRC (LSB)
E4
7
6
5
4
3
2
1
0
Response Frame Init
0
0000011 (binary)
Data
FF
Data
FF
Data
01
Data
00
CRC (MSB)
45
CRC (LSB)
B4
The second of the two response frames will arrive immediately after the first response frame, so the response
will typically appear to be one continuous response. Therefore, it is important to remember that each responding
device will respond with a complete response frame with its own Frame Initialization byte, data bytes, and CRC
bytes.
7.5.3.3.4
Configuration 4: Group Write with Response to Non-Command Register
NOTE
This configuration uses one byte for addressing and response size.
As in the example for Configuration 3, the sample command frame in this example will read the value currently
stored in the Command Channel Select (address 3–6) register, but the message to do so is one byte shorter.
The expected response frames would be the same as in the example for Configuration 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com