Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 64Page - Cirrus Logic CS5376A Datasheet HTML 65Page - Cirrus Logic CS5376A Datasheet HTML 66Page - Cirrus Logic CS5376A Datasheet HTML 67Page - Cirrus Logic CS5376A Datasheet HTML 68Page - Cirrus Logic CS5376A Datasheet HTML 69Page - Cirrus Logic CS5376A Datasheet HTML 70Page - Cirrus Logic CS5376A Datasheet HTML 71Page - Cirrus Logic CS5376A Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
CS5376A
68
18. TIME BREAK CONTROLLER
A time break signal is used to mark timing events
that occur during measurement. An external signal
sets a flag in the status byte of an output sample to
mark when the external event occurred.
A rising edge input to the TIMEB pin causes the
TB timing reference flag to be set in the SD port
status byte. When set, the TB flag appears for only
one output sample in the status byte of all enabled
channels. The TB flag output can be delayed by
programming a sample delay value into the TIME-
BRK digital filter register.
18.1 Pin Description
TIMEB - Pin 57
Time break input pin, rising edge triggered.
18.2 Time Break Operation
An externally generated timing reference signal ap-
plied to the TIMEB pin initiates an internal sample
counter. After a number of output samples have
passed, programmed in the TIMEBRK digital filter
register (0x29), the TB flag is set in the status byte
of the SD port output word for all enabled channels.
The TB flag is automatically cleared for subse-
quent data words, and appears for only one output
sample in each channel.
18.3 Time Break Delay
The TIMEBRK register (0x29) sets a sample delay
between a received rising edge on the TIMEB pin
and writing the TB flag into the SD port status byte.
The programmable sample counter can compensate
for group delay through the digital filters. When the
proper group delay value is programmed into the
TIMEBRK register, the TB flag will be set in the
status byte of the measurement sample taken when
the timing reference signal was received.
18.3.1 Step Input and Group Delay
A simple method to empirically measure the step
response and group delay of a CS5376A measure-
ment channel is to use the time break signal as both
a timing reference input and an analog step input.
When a rising edge is received on the TIMEB pin
with no delay programmed into the TIMEBRK reg-
ister, the TB flag is set in the next SD port status
byte. The same rising edge can act as a step input to
the analog channel, propagating through the digital
filter to appear as a rising edge in the measurement
data. By comparing the timing of the TB status flag
output and the rising edge in the measurement data,
the measurement channel group delay can be deter-
mined.
TIMEB
in SD Port
Status Byte
Delay Counter
TIMEBRK
TB Flag
Figure 37. Time Break Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com