Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 14Page - Cirrus Logic CS5376A Datasheet HTML 15Page - Cirrus Logic CS5376A Datasheet HTML 16Page - Cirrus Logic CS5376A Datasheet HTML 17Page - Cirrus Logic CS5376A Datasheet HTML 18Page - Cirrus Logic CS5376A Datasheet HTML 19Page - Cirrus Logic CS5376A Datasheet HTML 20Page - Cirrus Logic CS5376A Datasheet HTML 21Page - Cirrus Logic CS5376A Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
CS5376A
18
SWITCHING CHARACTERISTICS
Test Bit Stream (TBS)
5. TBSCLK phase can be delayed in 1/8 increments. The timing diagram shows no TBSCLK delay.
6. TBSDATA can be delayed from 0 to 63 full bit periods. The timing diagram shows no TBSDATA delay.
Parameter
Symbol
Min
Typ
Max
Unit
TBS Clock Timing
TBS Clock Period
t1
-
3.906
-
µs
TBS Clock High Time
(Note 5)
t2
40
-
60
%
TBS Clock Low Time
t3
40
-
60
%
TBS Data Output Timing
TBS Data Bit Rate
-
256
-
kbps
TBS Data Rising to TBS Clock Rising Setup Time
t4
60
-
-
ns
TBS Clock Rising to TBS Data Falling Hold Time
(Note 6)
t5
60
-
-
ns
Figure 8. TBS Output Clock and Data Timing
TBSCLK
TBSDATA
MCLK
t1
t2
t3
t5
t4
Note: Example timing shown for a 256 kHz output rate and no programmable delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com